Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO_SETUP Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # IO_SETUP
Description  Digital Barometric Pressure Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

IO_SETUP Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button IO_SETUP Datasheet HTML 16Page - Omron Electronics LLC IO_SETUP Datasheet HTML 17Page - Omron Electronics LLC IO_SETUP Datasheet HTML 18Page - Omron Electronics LLC IO_SETUP Datasheet HTML 19Page - Omron Electronics LLC IO_SETUP Datasheet HTML 20Page - Omron Electronics LLC IO_SETUP Datasheet HTML 21Page - Omron Electronics LLC IO_SETUP Datasheet HTML 22Page - Omron Electronics LLC IO_SETUP Datasheet HTML 23Page - Omron Electronics LLC IO_SETUP Datasheet HTML 24Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
[2SMPB-02E] Datasheet Rev.05(Jun.,2017)
22
Copyright 2017 OMRON Corporation. All Rights Reserved.
6. Recommended Soldering Method
■ Soldering method
: Air Reflow ( Max 2 times )
■ Condition of Temperature
: Max.260 degreeC, within 40seconds
■ Recommended Soldering Method
:
Temperature profile conditions of
reflow soldering should set the tem-
perature condition as shown in the
below table and then confirm that
actual conditions are met them in the
table.
Item
Preheating (T1 to T2, t1)
Soldering (T3, t2)
Peak Value (T4)
Terminal
150 degreeC to 200 degreeC
60sec to 180sec.
217degreeC min.
60sec to 150sec.
260 degreeC
20sec to 40sec..
・
Since the pressure sensor chip is exposed to atmosphere, cleaning fluid shall not be allowed to enter
inside the sensor’s case.
・
We recommend that it should be used the recommended mounting PAD dimensions for the land pattern.
7. Precautions
(1) Handling
1)
Only air can be used as pressure media on the product directly. It is prohibited to use pressure media including corrosive
gases (e.g. organic solvents gases, sulfur dioxide and hydrogen sulfide gases), fluid and any other foreign materials.
2)
The products are not water proof. The product shall be kept dry in use excluding the sensor port.
3)
The product shall not be used under dew-condensing conditions. Frozen fluid on sensor chips may cause fluctuation of sen-
sor output and other troubles.
4)
The product shall be used within rated pressure. Usage at pressure out of the range may cause breakage.
5)
The product may be damaged by static electricity. Charged materials (e.g. a workbench and a floor) and workers should pro-
vide measures against static electricity, including ground connection.
6)
The product shall not be dropped and handled roughly.
7)
The product shall not be used under dusty or damp condition.
8)
Do not wash the print circuit board after the pressure sensor is mounted using solvent. It may cause a mal-
function.
9)
Please connect the sensor terminals according to the connection diagram.
10)
The product shall not be used under high-frequency vibration including ultrasonic wave.
11)
This product uses the elastic adhesive for bonding the lid, so do not add excessive stress to the lid.
12)
If soldering is not fit, then this product may catch fire or get hot.
13)
There is a possibility that the peripheral circuit board or some electronic part generates heat while driving this
product. Please handle with care.
14)
Do not tear down this product.
15)
Please do not use the sensor after following case;
- excessive shock added to the terminal of the sensor
- the sensor lid decapped
- the sensor dropped
16)
If you use other conditions described in this document, please check yourself in advance.
t1
Preheating
t2
Soldering
Time (s)
T1
T2
T3
T4
t1
Preheating
t2
Soldering
Time (s)
T1
T2
T3
T4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com