Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO_SETUP Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # IO_SETUP
Description  Digital Barometric Pressure Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

IO_SETUP Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button IO_SETUP Datasheet HTML 8Page - Omron Electronics LLC IO_SETUP Datasheet HTML 9Page - Omron Electronics LLC IO_SETUP Datasheet HTML 10Page - Omron Electronics LLC IO_SETUP Datasheet HTML 11Page - Omron Electronics LLC IO_SETUP Datasheet HTML 12Page - Omron Electronics LLC IO_SETUP Datasheet HTML 13Page - Omron Electronics LLC IO_SETUP Datasheet HTML 14Page - Omron Electronics LLC IO_SETUP Datasheet HTML 15Page - Omron Electronics LLC IO_SETUP Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
[2SMPB-02E] Datasheet Rev.05(Jun.,2017)
12
Copyright 2017 OMRON Corporation. All Rights Reserved.
4.4 Implementing Register List
(*) MSB of PRESS_TXDx, TEMP_TXDx and COE_** are sign bit.
I2C
SPI
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
TEMP_TXD0
0xFC
0x7C
8bit
R/-
Temperature DATA[8:1] in 24bit
00h
TEMP_TXD1
0xFB
0x7B
8bit
R/-
Temperature DATA[16:9] in 24bit
00h
TEMP_TXD2
0xFA
0x7A
8bit
R/-
Temperature DATA[24:17] in 24bit (*)
00h
PRESS_TXD0
0xF9
0x79
8bit
R/-
Pressure DATA[8:1] in 24bit
00h
PRESS_TXD1
0xF8
0x78
8bit
R/-
Pressure DATA[16:9] in 24bit
00h
PRESS_TXD2
0xF7
0x77
8bit
R/-
Pressure DATA[24:17] in 24bit (*)
00h
IO_SETUP
0xF5
0x75
8bit
R/W
spi3_s
dim
-
spi3w
t_stanby[2:0] : Standby time setting
spi3w : SPI mode setting (4 or 3 wire)
spi3_sdim : Select output type of SDI terminal
00h
CTRL_MEAS
0xF4
0x74
8bit
R/W
temp_average[2:0] : Temperature Averaging times
press_average[2:0] : Pressure Averaging times
power_mode[1:0] : Power mode setting
00h
DEVICE_STAT
0xF3
0x73
8bit
R/-
-
-
-
-
measure
-
-
otp_update
measure : Status of measurement
otp_update : Status of OTP data access
00h
I2C_SET
0xF2
0x72
8bit
R/W
-
-
-
-
-
Master code setting at I2C HS mode
01h
IIR_CNT
0xF1
0x71
8bit
R/W
-
-
-
-
-
IIR filter co-efficient setting
00h
RESET
0xE0
0x60
8bit
W
When inputting"E6h",
a software reset will be occurred
00h
CHIP_ID
0xD1
0x51
8bit
R/-
CHIP_ID: 5Ch
5Ch
COE_b00_a0_ex
0xB8
0x38
8bit
R/-
Compensation Coefficient
-
COE_a2_0
0xB7
0x37
8bit
R/-
Compensation Coefficient
-
COE_a2_1
0xB6
0x36
8bit
R/-
Compensation Coefficient (*)
-
COE_a1_0
0xB5
0x35
8bit
R/-
Compensation Coefficient
-
COE_a1_1
0xB4
0x34
8bit
R/-
Compensation Coefficient (*)
-
COE_a0_0
0xB3
0x33
8bit
R/-
Compensation Coefficient
-
COE_a0_1
0xB2
0x32
8bit
R/-
Compensation Coefficient (*)
-
COE_bp3_0
0xB1
0x31
8bit
R/-
Compensation Coefficient
-
COE_bp3_1
0xB0
0x30
8bit
R/-
Compensation Coefficient (*)
-
COE_b21_0
0xAF
0x2F
8bit
R/-
Compensation Coefficient
-
COE_b21_1
0xAE
0x2E
8bit
R/-
Compensation Coefficient (*)
-
COE_b12_0
0xAD
0x2D
8bit
R/-
Compensation Coefficient
-
COE_b12_1
0xAC
0x2C
8bit
R/-
Compensation Coefficient (*)
-
COE_bp2_0
0xAB
0x2B
8bit
R/-
Compensation Coefficient
-
COE_bp2_1
0xAA
0x2A
8bit
R/-
Compensation Coefficient (*)
-
COE_b11_0
0xA9
0x29
8bit
R/-
Compensation Coefficient
-
COE_b11_1
0xA8
0x28
8bit
R/-
Compensation Coefficient (*)
-
COE_bp1_0
0xA7
0x27
8bit
R/-
Compensation Coefficient
-
COE_bp1_1
0xA6
0x26
8bit
R/-
Compensation Coefficient (*)
-
COE_bt2_0
0xA5
0x25
8bit
R/-
Compensation Coefficient
-
COE_bt2_1
0xA4
0x24
8bit
R/-
Compensation Coefficient (*)
-
COE_bt1_0
0xA3
0x23
8bit
R/-
Compensation Coefficient
-
COE_bt1_1
0xA2
0x22
8bit
R/-
Compensation Coefficient (*)
-
COE_b00_0
0xA1
0x21
8bit
R/-
Compensation Coefficient
-
COE_b00_1
0xA0
0x20
8bit
R/-
Compensation Coefficient (*)
-
bt1[15:8]
b00[11:4]
b00[19:12]
bp1[7:0]
bp1[15:8]
bt2[7:0]
bt2[15:8]
bt1[7:0]
bp2[7:0]
bp2[15:8]
b11[7:0]
b11[15:8]
a2[7:0]
a2[15:8]
a1[7:0]
b00[3:0] / a0[3:0]
b12[15:8]
bp3[7:0]
bp3[15:8]
b21[7:0]
a1[15:8]
a0[11:4]
a0[19:12]
b21[15:8]
b12[7:0]
reset[7:0]
chip_id[7:0]
master_code[2:0]
filter[2:0]
p_txd1[7:0]
p_txd2[7:0]
temp_average[2:0]
press_average[2:0]
power_mode[1:0]
t_stanby[2:0]
-
Discription
Initial
t_txd0[7:0]
t_txd1[7:0]
t_txd2[7:0]
p_txd0[7:0]
Register Name
Address
Length
R/W
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com