Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO_SETUP Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # IO_SETUP
Description  Digital Barometric Pressure Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

IO_SETUP Datasheet(HTML) 3 Page - Omron Electronics LLC

  IO_SETUP Datasheet HTML 1Page - Omron Electronics LLC IO_SETUP Datasheet HTML 2Page - Omron Electronics LLC IO_SETUP Datasheet HTML 3Page - Omron Electronics LLC IO_SETUP Datasheet HTML 4Page - Omron Electronics LLC IO_SETUP Datasheet HTML 5Page - Omron Electronics LLC IO_SETUP Datasheet HTML 6Page - Omron Electronics LLC IO_SETUP Datasheet HTML 7Page - Omron Electronics LLC IO_SETUP Datasheet HTML 8Page - Omron Electronics LLC IO_SETUP Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
[2SMPB-02E] Datasheet Rev.05(Jun.,2017)
3
Copyright 2017 OMRON Corporation. All Rights Reserved.
1. Ratings, Specifications and Functions
1.1 Use conditions and recommended operating conditions
Type of Pressure
Absolute pressure
Medium
Air (*1)
Operating Pressure Range
30kPa to 110kPa
Note. *1: Never use corrosive gases.
1.2 Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Remark
Power Supply Voltage
Vddmax
4.0
V
Input Voltage (other than power)
Vmax
-0.2~Vopr+0.2
V
Maximum Pressure
Pmax
800
kPa
Storage Temperature
Tstr
-40~85
degC
with no condensation or icing
Storage Humidity
Hstr
10~95
%RH
with no condensation or icing
ESD (HBM)
Vhbm
±2000
V
ESD (MM)
Vmm
±200
V
ESD (CDM)
Vcdm
±500
V
1.3 Operating Ratings
Item
Symbol
Min
Typ
Max
Unit
Remark
Operating Voltage
Vopr
1.71
1.8
3.6
V
VDD
Vio
1.20
1.8
3.6
V
VDDIO
Operating Temperature
Topr
-40
-
85
degC
1.4 Electrical Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
Average Current
Ihp
1sample/s force-mode
Ultra High Accuracy
-
21.4
-
uA
Operating Current
Consumption
Iddp
Pressure mode
-
640
800
uA
Iddt
Temperature mode
-
410
520
uA
Sleep Mode Current
Consumption
Isleep
-
1.1
2.3
uA
Measureable
Pressure Range
Popr
30
-
110
kPa
Absolute
Pressure Accuracy
Pabs1
30-110kPa,
0-65℃
-
±50
-
Pa
Pabs2
30-110kPa,-20-0℃
±80
Relative
Pressure Accuracy
Prel1
Ultra High Accuracy
-
±3.9
-
Pa
rms Noise
Pnois
Ultra High Accuracy
-
1.3
-
Pa
Absolute Temperature
Accuracy
Tabs
30-110kPa,-20-65℃
-2
-
2
degC
Pressure Resolution
Pres
-
0.06
-
Pa
Temperature Resolution
Tres
-
0.0002
-
degC
Power Supply
Rejection Ratio (DC)
Ppsrr
101.3kPa,0-40℃,
1.71-3.6V
Base on VDD=1.8V
-9.4
-
9.4
Pa
(
At Ta=25 degC, VDD=1.8V, unless otherwise noted)
Note : Typical specifications are not guaranteed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com