Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO_SETUP Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # IO_SETUP
Description  Digital Barometric Pressure Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

IO_SETUP Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button IO_SETUP Datasheet HTML 10Page - Omron Electronics LLC IO_SETUP Datasheet HTML 11Page - Omron Electronics LLC IO_SETUP Datasheet HTML 12Page - Omron Electronics LLC IO_SETUP Datasheet HTML 13Page - Omron Electronics LLC IO_SETUP Datasheet HTML 14Page - Omron Electronics LLC IO_SETUP Datasheet HTML 15Page - Omron Electronics LLC IO_SETUP Datasheet HTML 16Page - Omron Electronics LLC IO_SETUP Datasheet HTML 17Page - Omron Electronics LLC IO_SETUP Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
[2SMPB-02E] Datasheet Rev.05(Jun.,2017)
14
Copyright 2017 OMRON Corporation. All Rights Reserved.
IIR_CNT : IIR filter co-efficient setting Register
Register Name
I²C Addr.
SPI Addr.
Length
R/W
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
initial
IIR_CNT
0xF1
0X71
8bits
R/W
-
-
-
-
-
filter[2:0]
0x00
bit7~3 Reserved : keep these bits at 0
bit2,1,0 filter[2:0]
IIR filter co-efficient setting
Write access to this register address, IIR filter will be initialized.
Note. Initial setting of the IIR filter coefficient is
“OFF”
.
RESET : Reset Control Register
bit7~0 reset[7:0]
When input "E6h", the software reset will be effective.
Except for that, nothing is to happen.
CHIP_ID : Chip ID Confirmation Register
bit7~0 chip_id[7:0]
5C
IN
1/N
OUT
N-1
Z-1
000
001
010
011
100
101
110
111
OFF
N=2
N=4
N=8
N=16
N=32
N=32
N=32
I²C Addr.
SPI Addr. Length
R/W
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
initial
0xE0
0x60
8bits
W
0x00
Register Name
RESET
reset[7:0]
I²C Addr.
SPI Addr. Length
R/W
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
initial
0xD1
0x51
8bits
R
0x5C
Register Name
CHIP_ID
chip_id[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com