Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO_SETUP Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # IO_SETUP
Description  Digital Barometric Pressure Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

IO_SETUP Datasheet(HTML) 5 Page - Omron Electronics LLC

  IO_SETUP Datasheet HTML 1Page - Omron Electronics LLC IO_SETUP Datasheet HTML 2Page - Omron Electronics LLC IO_SETUP Datasheet HTML 3Page - Omron Electronics LLC IO_SETUP Datasheet HTML 4Page - Omron Electronics LLC IO_SETUP Datasheet HTML 5Page - Omron Electronics LLC IO_SETUP Datasheet HTML 6Page - Omron Electronics LLC IO_SETUP Datasheet HTML 7Page - Omron Electronics LLC IO_SETUP Datasheet HTML 8Page - Omron Electronics LLC IO_SETUP Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
[2SMPB-02E] Datasheet Rev.05(Jun.,2017)
5
Copyright 2017 OMRON Corporation. All Rights Reserved.
1.8 Bandwidth by IIR Filter Selection
Oversampling setting
Typical Bandwidth [Hz]
IIR filter coefficient
off
2
4
8
16
32
High speed
153.0
35.3
14.7
6.8
3.3
1.6
Low power
121.0
28.0
11.6
5.4
2.6
1.3
Standard
86.0
19.9
8.3
3.8
1.8
0.9
High accuracy
51.0
11.8
4.9
2.3
1.1
0.5
Ultra High accuracy
28.0
6.5
2.7
1.2
0.6
0.3
(
At Ta=25 degC, VDD=1.8V, unless otherwise noted)
Note. *1) These characteristics are guaranteed by design.
*2) Initial setting of the IIR filter coefficient is
“off”.
1.9 Filter selection based on use cases
Example
use case
Oversampling
setting
Pressure
over
sampling
times
Temp.
over
sampling
times
Specification (Typ.)
IIR
filter
coefficient
Current
consumption
[uA]
ODR [Hz]
(Example)
rms Noise
[Pa]
Weather
monitoring
High speed
×2
×1
off
1.2
0.05
5.2
Drop detection
Low power
×4
×1
off
407
100
3.7
Elevator detection
Standard
×8
×1
4
63.4
10
0.8
Stair detection
High accuracy
×16
×2
8
219
20
0.4
Indoor navigation
Ultra high
accuracy
×32
×4
32
570
28
0.2
(
At Ta=25 degC, VDD=1.8V, unless otherwise noted)
Note. These characteristics are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com