Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO_SETUP Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # IO_SETUP
Description  Digital Barometric Pressure Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

IO_SETUP Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button IO_SETUP Datasheet HTML 12Page - Omron Electronics LLC IO_SETUP Datasheet HTML 13Page - Omron Electronics LLC IO_SETUP Datasheet HTML 14Page - Omron Electronics LLC IO_SETUP Datasheet HTML 15Page - Omron Electronics LLC IO_SETUP Datasheet HTML 16Page - Omron Electronics LLC IO_SETUP Datasheet HTML 17Page - Omron Electronics LLC IO_SETUP Datasheet HTML 18Page - Omron Electronics LLC IO_SETUP Datasheet HTML 19Page - Omron Electronics LLC IO_SETUP Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
[2SMPB-02E] Datasheet Rev.05(Jun.,2017)
16
Copyright 2017 OMRON Corporation. All Rights Reserved.
4.6 SPI Protocol
(1)
SPI write
“SPI Write” needs to transmit the one set data of Register Address(Ctl.=”0”+Address) and a writing data in the
situation where CSB is "L". Two or more writing can be possible during CSB is
“L”. If CSB becomes "H", SPI
communication will finish. (as well as I²C write)
(2)
SPI read
First,
“SPI read” needs to transmit Register Address(Ctl.=”1”+Address) in a situation where CSB is "L".
Next, the data of the requested register address will be output from SDO. (in case of 3-wire mode, the data will
be output from SDI). After that, the register address is automatically incremented by one until CSB becomes
“H”, the device will output the data repeatedly. (as well as I²C read)
Below shows an example of the 2 bytes reading from "0xFA" register.
CSB
SCK
・・・
・・・
・・・
・・・
 ・・・
SDI/O
Start
0
Address(7bit)
Write Data(8bit)
0
Address(7bit)
Write Data(8bit)
・・・
Stop
CSB
SCK
・・・
・・・
・・・
SDI/O
Start
1
Address"0x7A"(7bit)
Read Data of "0x7A"
Read Data of "0x7B"
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com