Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7HF00S0-R0 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7HF00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7HF00S0-R0 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd

  SFECF10M7HF00S0-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
CONTENTS
CERAFIL
r and "CERAFIL" in this catalog are
the trademarks of Murata Manufacturing Co., Ltd.
Part Numbering
2
1. CERAFIL
r
1-1 CERAFIL
r 10.7MHz
Small Chip Type SFECF Series
5
Chip Type SFECV/SFECK Series
11
Standard Lead Type SFELF Series
14
Low Loss Type SFELF Series
17
Low Spurious Response Type SFELF Series
20
Wide Bandwidth Type SFELF Series
23
Narrow Bandwidth Type SFELF Series
25
For FM-IF Tuners SFELF Series
27
Related Data on Lead Type
30
1-2 CERAFIL
r 2.3-6.5MHz
4.5-6.5MHz Chip Type SFSKA Series
31
2.3-5.7MHz Chip Type SFSKB Series
34
1-3 CERAFIL
r 455kHz
Chip Type SFPKA Series
38
Lead Type SFPLA/CFWLA Series
40
For AM Stereo Wide Bandwidth Type SFPLA/CFWLA/CFULA Series
42
SF
p Series Temperature Characteristics
44
2. Ceramic Trap
Ceramic Trap 4.5-6.5MHz Chip Type TPSKA Series
45
3. Ceramic Discriminator
10.7MHz Ultra Thin Chip Type CDSCB Series
47
Applied IC Reference Table
52
Notice
53
Packaging
69
Part Number Index
74
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com