Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7HF00S0-R0 Datasheet(PDF) 74 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7HF00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7HF00S0-R0 Datasheet(HTML) 74 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7HF00S0-R0 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 73Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 74Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 75Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 76Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 77Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 74 / 77 page
background image
Packaging
Continued from the preceding page.
Standard of Magazine Cassette
1. Putting CERAFIL
r into Magazine
A magazine should contain 50pcs of CERAFIL
r, with
ground terminals all facing toward the "Murata" mark on a
magazine, and be closed with exclusive stoppers at both
ends. Above should be the minimum packaging unit.
2. Quality of Magazine
(1) Transparent so that input / output direction is visually
recognizable.
(2) With an angle of 35° CERAFIL
r should slip down
smoothly.
(3) Antistatic finish
(4) Recycling
Note: Magazines should be sent back for recycling.
(Therefore, empty magazines should not be damaged.)
3. Dimensions of Magazine Cassette
Material: Polycarbonate
Camber of Case: ±1mm max. against entire length (reference)
Twist of Case: ±0.5mm max. (reference)
(in mm)
Tolerance unless otherwise specified: ±0.2
HP51M0003-02
405±1.0
9.0±0.3
7.6±0.25
1.1
1.1
c CERAFILr 455kHz Lead Type SFPLA Series
Standard of Magazine Cassette
1. Putting CERAFIL
r into Magazine
A magazine should contain 50pcs of CERAFIL
r, with
ground terminals all facing toward the "Murata" mark on a
magazine, and be closed with exclusive stoppers at both
ends. Above should be the minimum packaging unit.
2. Quality of Magazine
(1) Transparent so that input / output direction is visually
recognizable.
(2) With an angle of 35° CERAFIL
r should slip down
smoothly.
(3) Antistatic finish
(4) Recycling
Note: Magazines should be sent back for recycling.
(Therefore, empty magazines should not be damaged.)
3. Magazine should be packaged in a cardboard box.
MURATA model name, quantity and outgoing inspection
number should be indicated on the box.
Cardboard box may contain maximum 33 magazines
(1,650 pieces of filter).
4. Dimensions of Magazine Cassette
Material: Polycarbonate
Camber of Case: ±1mm max. against entire length (reference)
Twist of Case: ±0.5mm max. (reference)
(in mm)
Tolerance unless otherwise specified: ±0.2
muRataHP51M0064
576.0±2.0
9.0±0.3
7.3±0.25
ANTISTATIC
5.3±0.3
0.6
c CERAFILr 455kHz Lead Type CFWLA Series
Continued on the following page.
72
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com