Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7HF00S0-R0 Datasheet(PDF) 15 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7HF00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7HF00S0-R0 Datasheet(HTML) 15 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7HF00S0-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
4.0
3.5
4.5
5.0
5.5
6.0
6.5
7.0
Frequency (MHz)
10.300
10.500
10.700
10.900
11.100
7
6
5
4
3
2
1
0
c Frequency Characteristics High-reliability Type
SFECK10M7KA00S0-R0
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
Frequency (MHz)
10.300
10.500
10.700
10.900
11.100
7
6
5
4
3
2
1
0
SFECK10M7JA00S0-R0
0
70
80
13.000
15.000
14.000
16.000
17.000
Frequency (MHz)
60
50
40
30
20
10
SFECV15M0EQ0001-R0
8.700
70
60
50
40
30
20
10
0
9.700
10.700
Frequency (MHz)
11.700
12.700
SFECV10M7KA00-R0
8.700
70
60
50
40
30
20
10
0
9.700
10.700
Frequency (MHz)
11.700
12.700
SFECV10M7JA00-R0
8.700
70
60
50
40
30
20
10
0
9.700
10.700
Frequency (MHz)
11.700
12.700
SFECK10M7KA00S0-R0
8.700
70
60
50
40
30
20
10
0
9.700
10.700
Frequency (MHz)
11.700
12.700
SFECK10M7JA00S0-R0
13
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2
c Frequency Characteristics (Spurious) Standard Type
c Frequency Characteristics (Spurious) High-reliability Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com