Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7HF00S0-R0 Datasheet(PDF) 36 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7HF00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7HF00S0-R0 Datasheet(HTML) 36 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7HF00S0-R0 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
2.3-5.7MHz Chip Type SFSKB Series
The SFSKB series are SMD ceramic filters suitable
for IR headphone applications.
Center frequencies of 2.3, 2.8, 3.2, 3.8, 4.3, 4.8, 5.2,
5.7MHz are available.
Realized small, thin and lightweight package,
compared with conventional LC filters.
It helps to compose multi-channel circuit on one PCB.
No frequency adjustment is required on PCB and it
contributes to the reduction of production cost.
c Features
1. SMD package in plastic emboss tape, available
for automatic placing.
2. They are slim, at only 1.5mm max. thickness,
and have a small mounting area (5.2x3.8mm) enabling
flexible PCB design.
3. Available for lead (Pb) free reflow soldering process.
4. Operating temperature range: 0 to +70°C
Storage temperature range: -55 to +85°C
5. No frequency adjustment is required in production
process.
6. Small, thin and lightweight package compared with
conventional LC filters
c Applications
1. IR headphone
2. Set Top Box for satellite broadcasting
(in mm)
5.2±0.1
(0.1) 1.5±0.1
0.3±0.1
(2.0)
4-0.35
(4.93)
Terminal Connection
(1) : Input
(2) : Output
(3) : Ground
(4) : Terminal for external
capacitor
: EIAJ Monthly Code
Tolerance unless otherwise
specified : ±0.1mm
( ) : Reference
(1)
(1)
(2)
(4)
(3)
(2)
(4)
(3)
Part Number
Nominal Center
Frequency (fn)
(MHz)
3dB
Bandwidth
(kHz)
20dB
Bandwidth
(kHz)
Insertion
Loss
(dB)
Spurious
Attenuation(1)
(dB)
Spurious
Attenuation(2)
(dB)
Input/Output
Impedance
(ohm)
SFSKB2M30GF00-R1
2.300
fn±75 min.
650 max.
6.0 max.
25 min.
[within 1.3 to 1.8MHz]
23 min.
[within 2.8 to 3.3MHz]
1000
SFSKB2M80GF00-R1
2.800
fn±75 min.
650 max.
6.0 max.
25 min.
[within 1.8 to 2.3MHz]
25 min.
[within 3.3 to 3.8MHz]
1000
SFSKB3M20FF00-R1
3.200
fn±75 min.
650 max.
6.0 max.
30 min.
[within 2.2 to 2.8MHz]
30 min.
[within 3.8 to 4.2MHz]
1000
SFSKB3M80GF00-R1
3.800
fn±75 min.
650 max.
6.0 max.
30 min.
[within 2.8 to 3.2MHz]
30 min.
[within 4.3 to 4.8MHz]
1000
SFSKB4M30GF00-R1
4.300
fn±75 min.
650 max.
6.0 max.
30 min.
[within 3.3 to 3.8MHz]
30 min.
[within 4.8 to 5.3MHz]
1000
SFSKB4M80GF00-R1
4.800
fn±75 min.
650 max.
6.0 max.
30 min.
[within 3.8 to 4.3MHz]
30 min.
[within 5.2 to 5.8MHz]
1000
SFSKB5M20GF00-R1
5.200
fn±75 min.
650 max.
6.0 max.
30 min.
[within 4.2 to 4.8MHz]
30 min.
[within 5.7 to 6.2MHz]
1000
SFSKB5M70GF00-R1
5.700
fn±75 min.
650 max.
6.0 max.
30 min.
[within 4.7 to 5.2MHz]
30 min.
[within 6.2 to 6.7MHz]
1000
For safety purposes, connect the output of filters to the IF amplifier through a D.C. blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in the package page.
34
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
10
CERAFIL
r (CERAFILr 2.3-6.5MHz) for Audio/Visual Equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com