Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7HF00S0-R0 Datasheet(PDF) 40 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7HF00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7HF00S0-R0 Datasheet(HTML) 40 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7HF00S0-R0 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
Chip Type SFPKA Series
SFPKA series for AM use is one of the most
recommendable intermediate filters, having such
distinctive features as high selectivity, high
stability and adjustment-free operation.
Additionally, its easy matching with IC helps create an
easy circuit design.
c Features
1. The filters are mountable by automatic placers
and can be reflow soldered and withstand
washing.
2. The filters are wide bandwidth and high
selectivity, so they are suitable for car radio
and multi-band radio.
3.0±0.3
2.0±0.3
1.5±0.3
7.0±0.3
0.9±0.1
MARKING
EIAJ
CODE
2.0±0.3
(1) (2) (3)
1.5±0.3
1.6±0.3
Connection
(1): Input
(2): Ground
(3): Output
(in mm)
Part Number
Center
Frequency (fo)
(kHz)
6dB
Bandwidth
(kHz)
Selectivity (-)
(dB)
Selectivity (+)
(dB)
Insertion
Loss
(dB)
Input/Output
Impedance
(ohm)
Element
SFPKA450KH1A-R1
450.0 ±1.0kHz
fn±3.0 min.
40 min.[fn-9kHz]
40 min.[fn+9kHz]
6.0 max.
2000
4
SFPKA450KG1A-R1
450.0 ±1.0kHz
fn±4.5 min.
40 min.[fn-10kHz]
40 min.[fn+10kHz]
6.0 max.
1500
4
Area of Insertion Loss: at minimum loss point
Center frequency (fo) is defined by the center of 6dB bandwidth.
(fn) means nominal center frequency (450kHz).
For safety purposes, connect the output of filters to the IF amplifier through a D.C. blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in the package page.
(in mm)
2.0
2.475
6.95
0.925
2.0
2.0
1.1
c Standard Land Pattern Dimensions
(1)
(2)
S(3)
(4)S
(6)
Type
Item
Winding Specification
No load Qu
Tuning Capacitance
40
180pF
SFPKA
(1)—(2)
(2)—(3)
(4)—(6)
60T
125T
28T
(Bottom view)
r
r
c Recommended IFT
Rg+R1=R2=Input/Output Impedance
E1: S.S.G. Output Voltage
E1
R1
Rg
S.S.G.
0dBm
(1)
(2)
(3)
R2
E2
RF Voltmeter
(1): Input
(2): Ground
(3): Output
c Test Circuit
38
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
11
CERAFIL
r (CERAFILr 455kHz) for Audio/Visual Equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com