Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7HF00S0-R0 Datasheet(PDF) 33 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7HF00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7HF00S0-R0 Datasheet(HTML) 33 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7HF00S0-R0 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
4.5-6.5MHz Chip Type SFSKA Series
SMD ceramic filter SFSKA_CF is a small and thin SMD
filter sealed with a metal cap.
Recommended for LCD-TVs, and small and thin tuners.
c Features
1. High attenuation outside bandwidth
2. Small and thin package
3. Reflow-solderable
(1) : Input
(2) : Ground
(3) : Output
7.9±0.2
3.0±0.1
8.5±0.2
3.8±0.2
1.8±0.2
0.5±0.1
0.6±0.2
1.0±0.1
1.3±0.2
2.5±0.2 2.5±0.2
0.3±0.1
1.3±0.2
(1)
(2)
(3)
(in mm)
Part Number
Nominal Center
Frequency (fn)
(MHz)
3dB
Bandwidth
(kHz)
20dB
Bandwidth
(kHz)
Insertion
Loss
(dB)
Spurious
Attenuation(1)
(dB)
Spurious
Attenuation(2)
(dB)
Input/Output
Impedance
(ohm)
SFSKA4M50CF00-R3
4.500
fn±60 min.
600 max.
6.0 max.
20 min.
[within 0 to fn]
15 min.
[within fn to 7.0MHz]
1000
SFSKA5M50CF00-R3
5.500
fn±60 min.
600 max.
6.0 max.
25 min.
[within 0 to fn]
15 min.
[within fn to 7.0MHz]
600
SFSKA6M00CF00-R3
6.000
fn±60 min.
600 max.
6.0 max.
25 min.
[within 0 to fn]
15 min.
[within fn to 7.5MHz]
470
SFSKA6M50CF00-R3
6.500
fn±60 min.
600 max.
6.0 max.
25 min.
[within 0 to fn]
15 min.
[within fn to 8.5MHz]
470
Area of Insertion Loss: at minimum loss point
For safety purposes, connect the output of filters to the IF amplifier through a D.C. blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in the package page.
1.0
1.0
1.5
1.5
1.0
(in mm)
c Standard Land Pattern Dimensions
E2
C2
R2
RF
Voltmeter
Rg
E1
R1
S.S.G.
(1) (2) (3)
R1+Rg=R2=1000
Ω ±5%, Rg=50Ω
C2=10pF (Including stray capacitance and Input capacitance of RF Voltmeter)
E1:S.S.G. Output voltage
(1) :
(2) :
(3) :
Input
Ground
Output
c Test Circuit
SFSKA4M50CF00-R3
Continued on the following page.
31
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
9
CERAFIL
r (CERAFILr 2.3-6.5MHz) for Audio/Visual Equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com