Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7HF00S0-R0 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7HF00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7HF00S0-R0 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7HF00S0-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd SFECF10M7HF00S0-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
4
Ceramic Traps
y
00
u
-R0
e
KA
w
S
r
4M00
t
B
q
TP
(Part Number)
qProduct ID
wFunction
TP
Ceramic Traps
Product ID
tProduct Specification Code (1)
B
C
Code
Product Specification (1)
With non-standard products, three-digit alphanumerics indicating
"Individual Specification" is added between "
yProduct Specification
Code (2)" and "
uPackaging."
eStructure/Size
Bulk
Embossed Taping ø=330mm
Broad bandwidth Type
Low capacitance Type
yProduct Specification Code (2)
00
Code
Product Specification (2)
Standard Type
uPackaging
-B0
-R1
Code
Packaging
Single Traps
S
Code
Function
Chip Type
K
p
Code
Structure/Size
p is "A" or subsequent code, which indicates the structure/size.
rNominal Center Frequency
Expressed by four-digit alphanumerics. The unit is in hertz (Hz).
Decimal point is expressed by capital letter "M" in case of MHz.
e
LF
w
A
r
10M7
i
-B0
u
001
q
CD
t
G
y
A
(Part Number)
qProduct ID
wOscillation
Discriminators for FM
CD
Discriminators
Product ID
Radial taping is applied to lead type and embossed taping to chip type.
With non-standard products, an alphanumerics indicating "Individual
Specification" is added between "
uIC" and "iPackaging."
eStructure/Size
Bulk
Radial Taping H0=18mm
Embossed Taping ø=180mm
Embossed Taping ø=330mm
uIC
001
Code
IC
Applicable IC Control Code
iPackaging
-B0
-A0
-R0
-R1
Code
Packaging
Thickness Expander mode
Thickness Shear mode
A
S
Code
Oscillation
Lead Type
Chip Type
L
p
C
p
Code
Structure/Size
p is "A" or subsequent code, which indicates the structure/size.
rNominal Center Frequency
Expressed by four-digit alphanumerics. The unit is in hertz (Hz).
Decimal point is expressed by capital letter "M" in case of MHz.
tSeries
G
Two-digit alphanumerics express series
Code
Series
yCenter Frequency/Tolerance
A
B
C
D
E
H
V
W
K
Z
M
F
Center Frequency mentioned by specification
-30kHz shifted from center frequency of code "A"
+30kHz shifted from center frequency of code "A"
-60kHz shifted from center frequency of code "A"
+60kHz shifted from center frequency of code "A"
Center Frequency mentioned by specification
-50kHz shifted from center frequency of code "H"
+50kHz shifted from center frequency of code "H"
Center Frequency mentioned by specification
Combination of A, B, C, D, E
Combination of A, B, C
Nominal Center Frequency
Code
Center Frequency
±30kHz
±30kHz
±30kHz
±30kHz
±30kHz
±25kHz
±25kHz
±25kHz
±20kHz
Tolerance
3dB bandwidth of "F" signifies the frequency difference (both + and -)
from reference frequency, which is nominal center frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com