Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D130 Datasheet(PDF) 32 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 32 Page - Microchip Technology

Back Button D130 Datasheet HTML 28Page - Microchip Technology D130 Datasheet HTML 29Page - Microchip Technology D130 Datasheet HTML 30Page - Microchip Technology D130 Datasheet HTML 31Page - Microchip Technology D130 Datasheet HTML 32Page - Microchip Technology D130 Datasheet HTML 33Page - Microchip Technology D130 Datasheet HTML 34Page - Microchip Technology D130 Datasheet HTML 35Page - Microchip Technology D130 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 32
 2016-2018 Microchip Technology Inc.
2.4.1
CONSIDERATIONS FOR CERAMIC
CAPACITORS
In recent years, large value, low-voltage, surface-mount
ceramic capacitors have become very cost effective in
sizes up to a few tens of microfarad. The low-ESR, small
physical size and other properties make ceramic
capacitors very attractive in many types of applications.
Ceramic capacitors are suitable for use with the inter-
nal voltage regulator of this microcontroller. However,
some care is needed in selecting the capacitor to
ensure that it maintains sufficient capacitance over the
intended operating range of the application.
Typical low-cost, 10 µF ceramic capacitors are available
in X5R, X7R and Y5V dielectric ratings (other types are
also available, but are less common). The initial tolerance
specifications for these types of capacitors are often
specified as ±10% to ±20% (X5R and X7R) or -20%/
+80% (Y5V). However, the effective capacitance that
these capacitors provide in an application circuit will
also vary based on additional factors, such as the
applied DC bias voltage and the temperature. The total
in-circuit tolerance is, therefore, much wider than the
initial tolerance specification.
The X5R and X7R capacitors typically exhibit satisfac-
tory temperature stability (ex: ±15% over a wide
temperature range, but consult the manufacturer’s data
sheets for exact specifications). However, Y5V capaci-
tors typically have extreme temperature tolerance
specifications of +22%/-82%. Due to the extreme
temperature tolerance, a 10 µF nominal rated Y5V type
capacitor may not deliver enough total capacitance to
meet minimum internal voltage regulator stability and
transient response requirements. Therefore, Y5V
capacitors are not recommended for use with the
internal regulator if the application must operate over a
wide temperature range.
In addition to temperature tolerance, the effective
capacitance of large value ceramic capacitors can vary
substantially, based on the amount of DC voltage
applied to the capacitor. This effect can be very signifi-
cant, but is often overlooked or is not always
documented.
A typical DC bias voltage vs. capacitance graph for
X7R type capacitors is shown in Figure 2-4.
FIGURE 2-4:
DC BIAS VOLTAGE vs.
CAPACITANCE
CHARACTERISTICS
When selecting a ceramic capacitor to be used with the
internal voltage regulator, it is suggested to select a
high-voltage rating so that the operating voltage is a
small percentage of the maximum rated capacitor volt-
age. For example, choose a ceramic capacitor rated at
a minimum of 16V for the 1.8V core voltage. Suggested
capacitors are shown in Table 2-1.
2.5
ICSP Pins
The PGCx and PGDx pins are used for In-Circuit Serial
Programming (ICSP) and debugging purposes. It is
recommended to keep the trace length between the
ICSP connector and the ICSP pins on the device as
short as possible. If the ICSP connector is expected to
experience an ESD event, a series resistor is recom-
mended, with the value in the range of a few tens of
ohms, not to exceed 100Ω.
Pull-up resistors, series diodes and capacitors on the
PGCx and PGDx pins are not recommended as they
will interfere with the programmer/debugger communi-
cations to the device. If such discrete components are
an application requirement, they should be removed
from the circuit during programming and debugging.
Alternatively, refer to the AC/DC characteristics and
timing requirements information in the respective
device Flash programming specification for information
on capacitive loading limits, and pin Voltage Input High
(VIH) and Voltage Input Low (VIL) requirements.
For device emulation, ensure that the “Communication
Channel Select” pins (i.e., PGCx/PGDx) programmed
into the device match the physical connections for the
ICSP to the Microchip debugger/emulator tool.
For
more
information
on
available
Microchip
development tools connection requirements, refer to
Section 30.0 “Development Support”.
-80
-70
-60
-50
-40
-30
-20
-10
0
10
5
101112
13
1415
16
17
DC Bias Voltage (VDC)
01
23
4
6
7
8
9
6.3V Capacitor
10V Capacitor
16V Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com