Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D130 Datasheet(PDF) 16 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 16 Page - Microchip Technology

Back Button D130 Datasheet HTML 12Page - Microchip Technology D130 Datasheet HTML 13Page - Microchip Technology D130 Datasheet HTML 14Page - Microchip Technology D130 Datasheet HTML 15Page - Microchip Technology D130 Datasheet HTML 16Page - Microchip Technology D130 Datasheet HTML 17Page - Microchip Technology D130 Datasheet HTML 18Page - Microchip Technology D130 Datasheet HTML 19Page - Microchip Technology D130 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 16
 2016-2018 Microchip Technology Inc.
1.2
DMA Controller
PIC24FJ256GA705 family devices have a Direct Memory
Access (DMA) Controller. This module acts in concert
with the CPU, allowing data to move between data mem-
ory and peripherals without the intervention of the CPU,
increasing data throughput and decreasing execution
time overhead. Six independently programmable
channels make it possible to service multiple peripherals
at virtually the same time, with each channel peripheral
performing a different operation. Many types of data
transfer operations are supported.
1.3
Other Special Features
• Peripheral Pin Select: The Peripheral Pin Select
(PPS) feature allows most digital peripherals to be
mapped over a fixed set of digital I/O pins. Users
may independently map the input and/or output of
any one of the many digital peripherals to any one
of the I/O pins.
• Configurable Logic Cell: The Configurable
Logic Cell (CLC) module allows the user to
specify combinations of signals as inputs to a
logic function and to use the logic output to control
other peripherals or I/O pins.
• Timing Modules: The PIC24FJ256GA705 family
provides three independent, general purpose,
16-bit timers (two of which can be combined
into a 32-bit timer). The devices also include
four multiple output advanced
Capture/Compare/PWM/Timer peripherals, and
three independent legacy Input Capture and
three independent legacy Output Compare modules.
• Communications: The PIC24FJ256GA705 family
incorporates a range of serial
communication peripherals to handle a range of
application requirements. There are two indepen-
dent I2C modules that support both Master and
Slave modes of operation. Devices also have,
through the PPS feature, two independent UARTs
with built-in IrDA® encoders/decoders and
three SPI modules.
• Analog Features: All members of the
PIC24FJ256GA705 family include a 12-bit A/D
Converter (A/D) module and a triple comparator
module. The A/D module incorporates a range of
new features that allow the converter to assess
and make decisions on incoming data, reducing
CPU overhead for routine A/D conversions. The
comparator module includes three analog
comparators that are configurable for a wide
range of operations.
• CTMU Interface: In addition to their other analog
features, members of the PIC24FJ256GA705
family include the CTMU interface module. This
provides a convenient method for precision time
measurement and pulse generation, and can serve
as an interface for capacitive sensors.
• Enhanced Parallel Master/Parallel Slave Port:
This module allows rapid and transparent access to
the microcontroller data bus, and enables the CPU
to directly address external data memory. The
parallel port can function in Master or Slave mode,
accommodating data widths of four or eight bits and
address widths of up to ten bits in Master modes.
• Real-Time Clock and Calendar (RTCC): This
module implements a full-featured clock and
calendar with alarm functions in hardware, freeing
up timer resources and program memory space
for use of the core application.
1.4
Details on Individual Family
Members
Devices in the PIC24FJ256GA705 family are available
in 28-pin, 44-pin and 48-pin packages. The general
block diagram for all devices is shown in Figure 1-1.
The devices are differentiated from each other in
five ways:
1.
Flash program memory (64 Kbytes for
PIC24FJ64GA70X devices, 128 Kbytes for
PIC24FJ128GA70X devices, 256 Kbytes for
PIC24FJ256GA70X devices).
2.
Available I/O pins and ports (22 pins on two
ports for 28-pin devices, and 36 and 40 pins on
three ports for 44-pin/48-pin devices).
3.
Enhanced Parallel Master Port (EPMP) is only
available on 44-pin/48-pin devices.
4.
Analog input channels (10 channels for 28-pin
devices and 14 channels for 44-pin/48-pin
devices).
5.
CTMU input channels (12 channels for 28-pin
devices and 13 channels for 44-pin/48-pin
devices)
All other features for devices in this family are identical.
These are summarized in Table 1-1 and Table 1-2.
A list of the pin features available on the
PIC24FJ256GA705 family devices, sorted by func-
tion, is shown in Table 1-3. Note that this table shows
the pin location of individual peripheral features and not
how they are multiplexed on the same pin. This
information is provided in the pinout diagrams in the
beginning of this data sheet. Multiplexed features are
sorted by the priority given to a feature, with the highest
priority peripheral being listed first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com