Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D130 Datasheet(PDF) 53 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 53 Page - Microchip Technology

Back Button D130 Datasheet HTML 49Page - Microchip Technology D130 Datasheet HTML 50Page - Microchip Technology D130 Datasheet HTML 51Page - Microchip Technology D130 Datasheet HTML 52Page - Microchip Technology D130 Datasheet HTML 53Page - Microchip Technology D130 Datasheet HTML 54Page - Microchip Technology D130 Datasheet HTML 55Page - Microchip Technology D130 Datasheet HTML 56Page - Microchip Technology D130 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 53
PIC24FJ256GA705 FAMILY
TABLE 4-11:
SFR MAP: 0700h BLOCK
File Name
Address
All Resets
File Name
Address
All Resets
A/D
PERIPHERAL PIN SELECT
ADC1BUF0
0712
xxxx
RPINR0
0790
3F3F
ADC1BUF1
0714
xxxx
RPINR1
0792
3F3F
ADC1BUF2
0716
xxxx
RPINR2
0794
3F3F
ADC1BUF3
0718
xxxx
RPINR3
0796
3F3F
ADC1BUF4
071A
xxxx
RPINR5
079A
3F3F
ADC1BUF5
071C
xxxx
RPINR6
079C
3F3F
ADC1BUF6
071E
xxxx
RPINR7
079E
3F3F
ADC1BUF7
0720
xxxx
RPINR8
07A0
003F
ADC1BUF8
0722
xxxx
RPINR11
07A6
3F3F
ADC1BUF9
0724
xxxx
RPINR12
07A8
3F3F
ADC1BUF10
0726
xxxx
RPINR18
07B4
3F3F
ADC1BUF11
0728
xxxx
RPINR19
07B6
3F3F
ADC1BUF12
072A
xxxx
RPINR20
07B8
3F3F
ADC1BUF13
072C
xxxx
RPINR21
07BA
3F3F
ADC1BUF14
072E
xxxx
RPINR22
07BC
3F3F
ADC1BUF15
0730
xxxx
RPINR23
07BE
3F3F
AD1CON1
0746
xxxx
RPINR25
07C2
3F3F
AD1CON2
0748
xxxx
RPINR28
07C8
3F3F
AD1CON3
074A
xxxx
RPINR29
07CA
003F
AD1CHS
074C
xxxx
RPOR0
07D4
0000
AD1CSSH
074E
xxxx
RPOR1
07D6
0000
AD1CSSL
0750
xxxx
RPOR2
07D8
0000
AD1CON4
0752
xxxx
RPOR3
07DA
0000
AD1CON5
0754
xxxx
RPOR4
07DC
0000
AD1CHITL
0758
xxxx
RPOR5
07DE
0000
AD1CTMENH
075A
0000
RPOR6
07E0
0000
AD1CTMENL
075C
0000
RPOR7
07E2
0000
AD1RESDMA
075E
0000
RPOR8
07E4
0000
NVM
RPOR9
07E6
0000
NVMCON
0760
0000
RPOR10
07E8
0000
NVMADR
0762
xxxx
RPOR11
07EA
0000
NVMADRU
0764
00xx
RPOR12
07EC
0000
NVMKEY
0766
0000
RPOR13
07EE
0000
RPOR14
07F0
0000
Legend:
x = undefined. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com