Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D130 Datasheet(PDF) 87 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 87 Page - Microchip Technology

Back Button D130 Datasheet HTML 83Page - Microchip Technology D130 Datasheet HTML 84Page - Microchip Technology D130 Datasheet HTML 85Page - Microchip Technology D130 Datasheet HTML 86Page - Microchip Technology D130 Datasheet HTML 87Page - Microchip Technology D130 Datasheet HTML 88Page - Microchip Technology D130 Datasheet HTML 89Page - Microchip Technology D130 Datasheet HTML 90Page - Microchip Technology D130 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 87
PIC24FJ256GA705 FAMILY
TABLE 8-2:
INTERRUPT VECTOR DETAILS
Interrupt Source
IRQ
#
IVT Address
Interrupt Bit Location
Flag
Enable
Priority
Highest Natural Order Priority
INT0 – External Interrupt 0
0
000014h
IFS0<0>
IEC0<0>
IPC0<2:0>
IC1 – Input Capture 1
1
000016h
IFS0<1>
IEC0<1>
IPC0<6:4>
OC1 – Output Compare 1
2
000018h
IFS0<2>
IEC0<2>
IPC0<10:8>
T1 – Timer1
3
00001Ah
IFS0<3>
IEC0<3>
IPC0<14:12>
DMA0 – Direct Memory Access 0
4
00001Ch
IFS0<4>
IEC0<4>
IPC1<2:0>
IC2 – Input Capture 2
5
00001Eh
IFS0<5>
IEC0<5>
IPC1<6:4>
OC2 – Output Compare 2
6
000020h
IFS0<6>
IEC0<6>
IPC1<10:8>
T2 – Timer2
7
000022h
IFS0<7>
IEC0<7>
IPC1<14:12>
T3 – Timer3
8
000024h
IFS0<8>
IEC0<8>
IPC2<2:0>
SPI1 – SPI1 General
9
000026h
IFS0<9>
IEC0<9>
IPC2<6:4>
SPI1TX – SPI1 Transfer Done
10
000028h
IFS0<10>
IEC0<10>
IPC2<10:8>
U1RX – UART1 Receiver
11
00002Ah
IFS0<11>
IEC0<11>
IPC2<14:12>
U1TX – UART1 Transmitter
12
00002Ch
IFS0<12>
IEC0<12>
IPC3<2:0>
ADC1 – A/D Converter 1
13
00002Eh
IFS0<13>
IEC0<13>
IPC3<6:4>
DMA1 – Direct Memory Access 1
14
000030h
IFS0<14>
IEC0<14>
IPC3<10:8>
NVM – NVM Program/Erase Complete
15
000032h
IFS0<15>
IEC0<15>
IPC3<14:12>
SI2C1 – I2C1 Slave Events
16
000034h
IFS1<0>
IEC1<0>
IPC4<2:0>
MI2C1 – I2C1 Master Events
17
000036h
IFS1<1>
IEC1<1>
IPC4<6:4>
Comp – Comparator
18
000038h
IFS1<2>
IEC1<2>
IPC4<10:8>
IOC – Interrupt-on-Change Interrupt
19
00003Ah
IFS1<3>
IEC1<3>
IPC4<14:12>
INT1 – External Interrupt 1
20
00003Ch
IFS1<4>
IEC1<4>
IPC5<2:0>
—21
—
—
—
—
—22
—
—
—
—
—23
—
—
—
—
DMA2 – Direct Memory Access 2
24
000044h
IFS1<8>
IEC1<8>
IPC6<2:0>
OC3 – Output Compare 3
25
000046h
IFS1<9>
IEC1<9>
IPC6<6:4>
—26
—
—
—
—
—27
—
—
—
—
—28
—
—
—
—
INT2 – External Interrupt 2
29
00004Eh
IFS1<13>
IEC1<13>
IPC7<6:4>
U2RX – UART2 Receiver
30
000050h
IFS1<14>
IEC1<14>
IPC7<10:8>
U2TX – UART2 Transmitter
31
000052h
IFS1<15>
IEC1<15>
IPC7<14:12>
SPI2 – SPI2 General
32
000054h
IFS2<0>
IEC2<0>
IPC8<2:0>
SPI2TX – SPI2 Transfer Done
33
000056h
IFS2<1>
IEC2<1>
IPC8<6:4>
—34
—
—
—
—
—35
—
—
—
—
DMA3 – Direct Memory Access 3
36
00005Ch
IFS2<4>
IEC2<4>
IPC9<2:0>
IC3 – Input Capture 3
37
00005Eh
IFS2<5>
IEC2<5>
IPC9<6:4>
—38
—
—
—
—
—39
—
—
—
—
—40
—
—
—
—
CCT3 – Capture/Compare Timer3
43
00006Ah
IFS2<11>
IEC2<11>
IPC10<14:12>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com