Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D130 Datasheet(PDF) 52 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 52 Page - Microchip Technology

Back Button D130 Datasheet HTML 48Page - Microchip Technology D130 Datasheet HTML 49Page - Microchip Technology D130 Datasheet HTML 50Page - Microchip Technology D130 Datasheet HTML 51Page - Microchip Technology D130 Datasheet HTML 52Page - Microchip Technology D130 Datasheet HTML 53Page - Microchip Technology D130 Datasheet HTML 54Page - Microchip Technology D130 Datasheet HTML 55Page - Microchip Technology D130 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 52
 2016-2018 Microchip Technology Inc.
TABLE 4-9:
SFR MAP: 0500h BLOCK
File Name
Address
All Resets
File Name
Address
All Resets
DMA (CONTINUED)
DMA (CONTINUED)
DMAINT5
0500
0000
DMADST5
0504
0000
DMASRC5
0502
0000
DMACNT5
0506
0001
Legend:
x = undefined. Reset values are shown in hexadecimal.
TABLE 4-10:
SFR MAP: 0600h BLOCK
File Name
Address
All Resets
File Name
Address
All Resets
I/O
PORTB (CONTINUED)
PADCON
065E
0000
ANSB
067E
FFFF
IOCSTAT
0660
0000
IOCPB
0680
0000
PORTA
IOCNB
0682
0000
TRISA
0662
FFFF
IOCFB
0684
0000
PORTA
0664
0000
IOCPUB
0686
0000
LATA
0666
0000
IOCPDB
0688
0000
ODCA
0668
0000
PORTC
ANSA
066A
FFFF
TRISC
068A
FFFF
IOCPA
066C
0000
PORTC
068C
0000
IOCNA
066E
0000
LATC
068E
0000
IOCFA
0670
0000
ODCC
0690
0000
IOCPUA
0672
0000
ANSC
0692
FFFF
IOCPDA
0674
0000
IOCPC
0694
0000
PORTB
IOCNC
0696
0000
TRISB
0676
FFFF
IOCFC
0698
0000
PORTB
0678
0000
IOCPUC
069A
0000
LATB
067A
0000
IOCPDC
069C
0000
ODCB
067C
0000
Legend:
x = undefined. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com