Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D130 Datasheet(PDF) 42 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 42 Page - Microchip Technology

Back Button D130 Datasheet HTML 38Page - Microchip Technology D130 Datasheet HTML 39Page - Microchip Technology D130 Datasheet HTML 40Page - Microchip Technology D130 Datasheet HTML 41Page - Microchip Technology D130 Datasheet HTML 42Page - Microchip Technology D130 Datasheet HTML 43Page - Microchip Technology D130 Datasheet HTML 44Page - Microchip Technology D130 Datasheet HTML 45Page - Microchip Technology D130 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 42
 2016-2018 Microchip Technology Inc.
FIGURE 4-1:
PROGRAM SPACE MEMORY MAP FOR PIC24FJ256GA705 DEVICES
TABLE 4-1:
PROGRAM MEMORY SIZES AND BOUNDARIES(2)
Device
Program Memory
Upper Boundary
(Instruction Words)
Write Blocks(1)
Erase Blocks(1)
PIC24FJ256GA70X
02AFFEh (88,064 x 24)
1376
172
PIC24FJ128GA70X
015FFEh (45,056 x 24)
704
88
PIC24FJ64GA70X
00AFFEh (22,528 x 24)
352
44
Note 1:
One Write Block = 128 Instruction Words; One Erase Block (Page) = 1024 Instruction Words.
2:
To maintain integer page sizes, the memory sizes are not exactly half of each other.
000000h
FA00FEh
FA0100h
FEFFFEh
FFFFFFh
Flash Write Latches
DEVID (2)
Reserved
FF0000h
F9FFFEh
FA0000h
800000h
7FFFFFh
Reserved
Flash Config Words
0xxx00h(1)
0xxxFEh(1)
Unimplemented
Read ‘0’
User Flash Program Memory
801800h
Reserved
FF0004h
Reserved
Executive Code Memory
800FFEh
800100h
Customer OTP Memory
8017FEh
801700h
Reserved
801000h
8016FEh
Legend: Memory areas are not shown to scale.
Note 1: Exact boundary addresses are determined by the size of the implemented program memory (Table 4-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com