Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D130 Datasheet(PDF) 83 Page - Microchip Technology

Part # D130
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D130 Datasheet(HTML) 83 Page - Microchip Technology

Back Button D130 Datasheet HTML 79Page - Microchip Technology D130 Datasheet HTML 80Page - Microchip Technology D130 Datasheet HTML 81Page - Microchip Technology D130 Datasheet HTML 82Page - Microchip Technology D130 Datasheet HTML 83Page - Microchip Technology D130 Datasheet HTML 84Page - Microchip Technology D130 Datasheet HTML 85Page - Microchip Technology D130 Datasheet HTML 86Page - Microchip Technology D130 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 83
PIC24FJ256GA705 FAMILY
TABLE 7-3:
RESET DELAY TIMES FOR VARIOUS DEVICE RESETS
Reset Type
Clock Source
SYSRST Delay
System Clock
Delay
Notes
POR
EC
TPOR + TSTARTUP + TRST
—
1, 2, 3
ECPLL
TPOR + TSTARTUP + TRST
TLOCK
1, 2, 3, 5
XT, HS, SOSC
TPOR + TSTARTUP + TRST
TOST
1, 2, 3, 4
XTPLL, HSPLL
TPOR + TSTARTUP + TRST
TOST + TLOCK
1, 2, 3, 4, 5
FRC, OSCFDIV
TPOR + TSTARTUP + TRST
TFRC
1, 2, 3, 6, 7
FRCPLL
TPOR + TSTARTUP + TRST
TFRC + TLOCK
1, 2, 3, 5, 6
LPRC
TPOR + TSTARTUP + TRST
TLPRC
1, 2, 3, 6
BOR
EC
TSTARTUP + TRST
—
2, 3
ECPLL
TSTARTUP + TRST
TLOCK
2, 3, 5
XT, HS, SOSC
TSTARTUP + TRST
TOST
2, 3, 4
XTPLL, HSPLL
TSTARTUP + TRST
TOST + TLOCK
2, 3, 4, 5
FRC, OSCFDIV
TSTARTUP + TRST
TFRC
2, 3, 6, 7
FRCPLL
TSTARTUP + TRST
TFRC + TLOCK
2, 3, 5, 6
LPRC
TSTARTUP + TRST
TLPRC
2, 3, 6
MCLR
Any Clock
TRST
—
3
WDT
Any Clock
TRST
—
3
Software
Any clock
TRST
—
3
Illegal Opcode
Any Clock
TRST
—
3
Uninitialized W
Any Clock
TRST
—
3
Trap Conflict
Any Clock
TRST
—
3
Note 1: TPOR = Power-on Reset delay (10 µs nominal).
2: TSTARTUP = TVREG.
3: TRST = Internal State Reset Time (2 µs nominal).
4: TOST = Oscillator Start-up Timer (OST). A 10-bit counter counts 1024 oscillator periods before releasing
the oscillator clock to the system.
5: TLOCK = PLL Lock Time.
6: TFRC and TLPRC = RC Oscillator Start-up Times.
7: If Two-Speed Start-up is enabled, regardless of the Primary Oscillator selected, the device starts with FRC
so the system clock delay is just TFRC, and in such cases, FRC start-up time is valid; it switches to the
Primary Oscillator after its respective clock delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com