Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5AN4G4NAFR-RDC Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # H5AN4G4NAFR-RDC
Description  4Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5AN4G4NAFR-RDC Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button H5AN4G4NAFR-RDC Datasheet HTML 6Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 7Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 8Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 9Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 10Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 11Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 12Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 13Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
Rev. 1.3 / Mar.2016
8
TEN
Input
Connectivity Test Mode Enable: Required on x16 devices and optional input on x4/x8
with densities equal to or greater than 8Gb. HIGH in this pin will enable Connectivity Test
Mode operation along with other pins. It is a CMOS rail to rail signal with AC high and
low at 80% and 20% of VDD. Using this signal or not is dependent on System. This pin
may be DRAM internally pulled low through a weak pull-down resistor to VSS.
NC
No Connect: No internal electrical connection is present.
VDDQ
Supply DQ Power Supply: 1.2 V +/- 0.06 V
VSSQ
Supply DQ Ground
VDD
Supply Power Supply: 1.2 V +/- 0.06 V
VSS
Supply Ground
Vpp
Supply DRAM Activation Power Supply: 2.5V (2.375V min , 2.75 max)
VREFCA
Supply Reference voltage for CA
ZQ
Supply Reference Pin for ZQ calibration
Note:
Input only pins (BG0-BG-1, BA0-BA1, A0-A17, ACT_n, RAS_n,/A16, CAS_n/A15, WE_n/A14, CS_n, CKE, ODT, and
RESET_n) do not supply termination.
Symbol
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com