Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5AN4G4NAFR-RDC Datasheet(PDF) 14 Page - Hynix Semiconductor

Part # H5AN4G4NAFR-RDC
Description  4Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5AN4G4NAFR-RDC Datasheet(HTML) 14 Page - Hynix Semiconductor

Back Button H5AN4G4NAFR-RDC Datasheet HTML 10Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 11Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 12Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 13Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 14Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 15Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 16Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 17Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 18Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
Rev. 1.3 / Mar.2016
50
IDD and IDDQ Specification Parameters and Test Conditions
IDD, IPP and IDDQ Measurement Conditions
In this chapter, IDD, IPP and IDDQ measurement conditions such as test load and patterns are defined.
Figure shows the setup and test load for IDD, IPP and IDDQ measurements.
•
IDD currents (such as IDD0, IDD0A, IDD1, IDD1A, IDD2N, IDD2NA, IDD2NL, IDD2NT, IDD2P, IDD2Q,
IDD3N, IDD3NA, IDD3P, IDD4R, IDD4RA, IDD4W, IDD4WA, IDD5B, IDD5F2, IDD5F4, IDD6N, IDD6E,
IDD6R, IDD6A, IDD7 and IDD8) are measured as time-averaged currents with all VDD balls of the
DDR4 SDRAM under test tied together. Any IPP or IDDQ current is not included in IDD currents.
•
IPP currents have the same definition as IDD except that the current on the VPP supply is measured.
•
IDDQ currents (such as IDDQ2NT and IDDQ4R) are measured as time-averaged currents with all
VDDQ balls of the DDR4 SDRAM under test tied together. Any IDD current is not included in IDDQ cur-
rents.
Attention: IDDQ values cannot be directly used to calculate IO power of the DDR4 SDRAM. They can
be used to support correlation of simulated IO power to actual IO power as outlined in Figure 2. In
DRAM module application, IDDQ cannot be measured separately since VDD and VDDQ are using one
merged-power layer in Module PCB.
For IDD, IPP and IDDQ measurements, the following definitions apply:
•
“0” and “LOW” is defined as VIN <= VILAC(max).
•
“1” and “HIGH” is defined as VIN >= VIHAC(min).
•
“MID-LEVEL” is defined as inputs are VREF = VDD / 2.
•
Timings used for IDD, IPP and IDDQ Measurement-Loop Patterns are provided in Table 1.
•
Basic IDD, IPP and IDDQ Measurement Conditions are described in Table 2.
•
Detailed IDD, IPP and IDDQ Measurement-Loop Patterns are described in Table 3 through Table 11.
•
IDD Measurements are done after properly initializing the DDR4 SDRAM. This includes but is not lim-
ited to setting
RON = RZQ/7 (34 Ohm in MR1);
RTT_NOM = RZQ/6 (40 Ohm in MR1);
RTT_WR = RZQ/2 (120 Ohm in MR2);
RTT_PARK = Disable;
Qoff = 0B (Output Buffer enabled) in MR1;
TDQS_t disabled in MR1;
CRC disabled in MR2;
CA parity feature disabled in MR5;
Gear down mode disabled in MR3
Read/Write DBI disabled in MR5;
DM disabled in MR5
•
Attention: The IDD, IPP and IDDQ Measurement-Loop Patterns need to be executed at least one time
before actual IDD or IDDQ measurement is started.
•
Define D = {CS_n, ACT_n, RAS_n, CAS_n, WE_n } := {HIGH, LOW, LOW, LOW, LOW} ; apply BG/BA
changes when directed.
•
Define D# = {CS_n, ACT_n, RAS_n, CAS_n, WE_n } := {HIGH, HIGH, HIGH, HIGH, HIGH} ; apply
invert of BG/BA changes when directed above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com