Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5AN4G4NAFR-RDC Datasheet(PDF) 18 Page - Hynix Semiconductor

Part # H5AN4G4NAFR-RDC
Description  4Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5AN4G4NAFR-RDC Datasheet(HTML) 18 Page - Hynix Semiconductor

Back Button H5AN4G4NAFR-RDC Datasheet HTML 14Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 15Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 16Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 17Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 18Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 19Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 20Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 21Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 22Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
Rev. 1.3 / Mar.2016
54
IDD2N_par
Precharge Standby Current with CA parity enabled
Same definition like for IDD2N, CA parity enabled3
IDD2P
Precharge Power-Down Current CKE: Low; External clock: On; tCK, CL: see Table 1; BL: 81; AL:
0; CS_n: stable at 1; Command, Address, Bank Group Address, Bank Address Inputs: stable at
0; Data IO: VDDQ; DM_n: stable at 1; Bank Activity: all banks closed; Output Buffer and RTT:
Enabled in Mode Registers2; ODT Signal: stable at 0
IPP2P
Precharge Power-Down IPP Current
Same condition with IDD2P
IDD2Q
Precharge Quiet Standby Current
CKE: High; External clock: On; tCK, CL: see Table 1; BL: 81; AL: 0; CS_n: stable at 1; Command,
Address, Bank Group Address, Bank Address Inputs: stable at 0; Data IO: VDDQ; DM_n: stable
at 1;Bank Activity: all banks closed; Output Buffer and RTT: Enabled in Mode Registers2; ODT
Signal: stable at 0
IDD3N
Active Standby Current
CKE: High; External clock: On; tCK, CL: see Table 1; BL: 81; AL: 0; CS_n: stable at 1; Command,
Address, Bank Group Address, Bank Address Inputs: partially toggling according to Table 5; Data
IO: VDDQ; DM_n: stable at 1;Bank Activity: all banks open; Output Buffer and RTT: Enabled in
Mode Registers2; ODT Signal: stable at 0; Pattern Details: see Table 5
IDD3NA
Active Standby Current (AL=CL-1)
AL = CL-1, Other conditions: see IDD3N
IPP3N
Active Standby IPP Current
Same condition with IDD3N
IDD3P
Active Power-Down Current
CKE: Low; External clock: On; tCK, CL: see Table 1; BL: 81; AL: 0; CS_n: stable at 1; Command,
Address, Bank Group Address, Bank Address Inputs: stable at 0; Data IO: VDDQ; DM_n: stable
at 1; Bank Activity: all banks open; Output Buffer and RTT: Enabled in Mode Registers2; ODT Signal:
stable at 0
IPP3P
Active Power-Down IPP Current
Same condition with IDD3P
IDD4R
Operating Burst Read Current
CKE: High; External clock: On; tCK, CL: see Table 1; BL: 82; AL: 0; CS_n: High between RD;
Command, Address, Bank Group Address, Bank Address Inputs: partially toggling according to
Table 7; Data IO: seamless read data burst with different data between one burst and the next one
according to Table 7; DM_n: stable at 1; Bank Activity: all banks open, RD commands cycling through
banks: 0,0,1,1,2,2,... (see Table 7); Output Buffer and RTT: Enabled in Mode Registers2; ODT Signal:
stable at 0; Pattern Details: see Table 7
IDD4RA
Operating Burst Read Current (AL=CL-1)
AL = CL-1, Other conditions: see IDD4R
IDD4RB
Operating Burst Read Current with Read DBI
Read DBI enabled3, Other conditions: see IDD4R
IPP4R
Operating Burst Read IPP Current
Same condition with IDD4R
IDDQ4R
(Optional)
Operating Burst Read IDDQ Current
Same definition like for IDD4R, however measuring IDDQ current instead of IDD current
IDDQ4RB
(Optional)
Operating Burst Read IDDQ Current with Read DBI
Same definition like for IDD4RB, however measuring IDDQ current instead of IDD current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com