Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5AN4G4NAFR-RDC Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # H5AN4G4NAFR-RDC
Description  4Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5AN4G4NAFR-RDC Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button H5AN4G4NAFR-RDC Datasheet HTML 9Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 10Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 11Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 12Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 13Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 14Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 15Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 16Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Rev. 1.3 / Mar.2016
21
AC & DC Operating Conditions
Recommended DC Operating Conditions
NOTE:
1. Under all conditions VDDQ must be less than or equal to VDD.
2. VDDQ tracks with VDD. AC parameters are measured with VDD and VDDQ tied together.
3. DC bandwidth is limited to 20MHz.
Recommended DC Operating Conditions
Symbol
Parameter
Rating
Unit
NOTE
Min.
Typ.
Max.
VDD
Supply Voltage
1.14
1.2
1.26
V
1,2,3
VDDQ
Supply Voltage for Output
1.14
1.2
1.26
V
1,2,3
VPP
Supply Voltage for DRAM Activating
2.375
2.5
2.75
V
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com