Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5AN4G4NAFR-RDC Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # H5AN4G4NAFR-RDC
Description  4Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5AN4G4NAFR-RDC Datasheet(HTML) 3 Page - Hynix Semiconductor

  H5AN4G4NAFR-RDC Datasheet HTML 1Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 2Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 3Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 4Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 5Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 6Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 7Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 8Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
Rev. 1.3 / Mar.2016
3
Description
The H5AN4G4NAFR-xxC, H5AN4G8NAFR-xxC and H5AN4G6NAFR-xxC are a 4Gb CMOS Double Data Rate
IV (DDR4) Synchronous DRAM, ideally suited for the main memory applications which requires large mem-
ory density and high bandwidth. SK hynix 4Gb DDR4 SDRAMs offer fully synchronous operations refer-
enced to both rising and falling edges of the clock. While all addresses and control inputs are latched on
the rising edges of the CK (falling edges of the CK), Data, Data strobes and Write data masks inputs are
sampled on both rising and falling edges of it. The data paths are internally pipelined and 8-bit prefetched
to achieve very high bandwidth.
Device Features and Ordering Information
FEATURES
• VDD=VDDQ=1.2V +/- 0.06V
• Fully differential clock inputs (CK, CK) operation
• Differential Data Strobe (DQS, DQS)
• On chip DLL align DQ, DQS and DQS transition with CK
transition
• DM masks write data-in at the both rising and falling
edges of the data strobe
• All addresses and control inputs except data, data
strobes and data masks latched on the rising edges of
the clock
• Programmable CAS latency 9, 11, 12, 13, 14, 15, 16,
17, 18, 19 and 20
• Programmable additive latency 0, CL-1, and CL-2
supported (x4/x8 only)
• Programmable CAS Write latency (CWL) = 9, 10, 11,
12, 14, 16, 18
• Programmable burst length 4/8 with both nibble
sequential and interleave mode
• BL switch on the fly
• 16banks
• AverageRefreshCycle (Tcase of 0 oC~95oC)
- 7.8 µs at 0oC ~ 85 oC
- 3.9 µs at 85oC ~ 95 oC
• JEDEC standard 78ball FBGA(x4/x8), 96ball FBGA(x16)
• Driver strength selected by MRS
• Dynamic On Die Termination supported
• Two Termination States such as RTT_PARK and
RTT_NOM switchable by ODT pin
• Asynchronous RESET pin supported
• ZQ calibration supported
• TDQS (Termination Data Strobe) supported (x8 only)
• Write Levelization supported
• 8 bit pre-fetch
• This product in compliance with the RoHS directive.
• Internal Vref DQ level generation is available
• Write CRC is supported at all speed grades
• Maximum Power Saving Mode is supported
• TCAR(Temperature Controlled Auto Refresh) mode is
supported
• LP ASR(Low Power Auto Self Refresh) mode is sup-
ported
• Fine Granularity Refresh is supported
• Per DRAM Addressability is supported
• Geardown Mode(1/2 rate, 1/4 rate) is supported
• Programable Preamble for read and write is supported
• Self Refresh Abort is supported
• CA parity (Command/Address Parity) mode is sup-
ported
• Bank Grouping is applied, and CAS to CAS latency
(tCCD_L, tCCD_S) for the banks in the same or different
bank group accesses are available
• DBI(Data Bus Inversion) is supported(x8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com