Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5AN4G4NAFR-RDC Datasheet(PDF) 39 Page - Hynix Semiconductor

Part # H5AN4G4NAFR-RDC
Description  4Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5AN4G4NAFR-RDC Datasheet(HTML) 39 Page - Hynix Semiconductor

Back Button H5AN4G4NAFR-RDC Datasheet HTML 35Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 36Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 37Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 38Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 39Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 40Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 41Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 42Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 43Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Rev. 1.3 / Mar.2016
45
DDR4-1866 Speed Bins and Operations
Speed Bin
DDR4-1866M
Unit
NOTE
CL-nRCD-nRP
13-13-13
Parameter
Symbol
min
max
Internal read command to first
data
tAA
13.9213
(13.50)5,11
18.00
ns
11
Internal read command to first
data with read DBI enabled
tAA_DBI
tAA(min) + 2nCK
tAA(max) +2nCK
ns
11
ACT to internal read or write delay
time
tRCD
13.92
(13.50)5,11
-
ns
11
PRE command period
tRP
13.92
(13.50)5,11
-
ns
11
ACT to PRE command period
tRAS
34
9 x tREFI
ns
11
ACT to ACT or REF command
period
tRC
47.92
(47.50)5,11
-
ns
11
Normal Read DBI
CWL = 9
CL = 9
CL = 11 tCK(AVG)
1.5
1.6
ns
1,2,3,4,10
,11
CL = 10
CL = 12 tCK(AVG)
Reserved
ns 1,2,3,4,10
CWL = 9,11
CL = 10
CL = 12 tCK(AVG)
Reserved
ns
4
CL = 11
CL = 13 tCK(AVG)
1.25
<1.5
ns
1,2,3,4,6
CL = 12
CL = 14 tCK(AVG)
1.25
<1.5
ns
1,2,3,6
CWL = 10,12
CL = 12
CL = 14 tCK(AVG)
Reserved
ns
1,2,3,4
CL = 13
CL = 15 tCK(AVG)
1.071
<1.25
ns
1,2,3,4
CL = 14
CL = 16 tCK(AVG)
1.071
<1.25
ns
1,2,3
Supported CL Settings
9,11,12,13,14
nCK
12,13
Supported CL Settings with read DBI
11,13,14 ,15,16
nCK
13
Supported CWL Settings
9,10,11,12
nCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com