Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5AN4G4NAFR-RDC Datasheet(PDF) 32 Page - Hynix Semiconductor

Part # H5AN4G4NAFR-RDC
Description  4Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5AN4G4NAFR-RDC Datasheet(HTML) 32 Page - Hynix Semiconductor

Back Button H5AN4G4NAFR-RDC Datasheet HTML 28Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 29Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 30Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 31Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 32Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 33Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 34Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 35Page - Hynix Semiconductor H5AN4G4NAFR-RDC Datasheet HTML 36Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
Rev. 1.3 / Mar.2016
32
IPP Specification
NOTE :
1.Users should refer to the DRAM supplier data sheet and/or the DIMM SPD to determine if DDR4 SDRAM devices support the follow-
ing options or requirements referred to in this material.
IDD6 Specification
NOTE :
1. Some IDD currents are higher for x16 organization due to larger page-size architecture.
2. Max. values for IDD currents considering worst case conditions of process, temperature and voltage.
3. Applicable for MR2 settings A6=0 and A7=0.
4. Supplier data sheets include a max value for IDD6.
5. Applicable for MR2 settings A6=0 and A7=1. IDD6E is only specified for devices which support the Extended Temperature Range
feature.
6. Refer to the supplier data sheet for the value specification method (e.g. max, typical) for IDD6E and IDD6A
7. Applicable for MR2 settings A6=1 and A7=0. IDD6A is only specified for devices which support the Auto Self Refresh feature.
8. Applicable for MR2 settings MR2 [A7:A6 = 01] : Reduced Temperature range. IDD6R is verified by design and characterization, and
may not be subject to production test
Symbol
2133
2400
Unit
NOTE
x4
x8
x16
x4
x8
x16
IPP0
1.81.8
2.91.9
1.9
3.0
mA
IPP1
1.51.5
2.41.5
1.6
2.6
mA
IPP2N
0.70.7
0.70.7
0.7
0.7
mA
IPP2P
0.70.7
0.70.7
0.7
0.7
mA
IPP3N
1.01.0
1.21.0
1.0
1.2
mA
IPP3P
1.01.0
1.21.1
1.1
1.3
mA
IPP4R
1.01.0
1.11.0
1.0
1.1
mA
IPP4W
1.01.0
1.11.0
1.1
1.2
mA
IPP5B
34.6
34.6
34.6
34.6
34.6
34.6
mA
IPP5F2
35.2
35.2
35.2
35.6
35.6
35.6
mA
IPP5F4
25.4
25.4
25.4
25.7
25.7
25.7
mA
IPP6N
2.12.1
2.12.1
2.1
2.1
mA
IPP6E1
2.42.4
2.42.4
2.4
2.4
mA
IPP6R
1.31.3
1.31.3
1.3
1.3
mA
IPP6A
4.04.0
4.04.0
4.0
4.0
mA
IPP7
8.6
10.1
14.2
11.4
10.1
15.6
mA
IPP8
2.22.2
2.22.2
2.2
2.2
mA
Symbol
Temperature Range
2133
2400
Unit
NOTE
x4
x8
x16
x4
x8
x16
IDD6N
0 - 85 oC
121212121212
mA
3,4
IDD6E
0 - 95 oC
161616161616
mA
4,5,6
IDD6R
0 - 45oC
88888
8
mA
4,6,8
IDD6A
0 - 45oC
212222222222
mA
4,6,7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com