Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01C Datasheet(PDF) 18 Page - Microchip Technology

Part # AT24C01C
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C01C Datasheet(HTML) 18 Page - Microchip Technology

Back Button AT24C01C Datasheet HTML 14Page - Microchip Technology AT24C01C Datasheet HTML 15Page - Microchip Technology AT24C01C Datasheet HTML 16Page - Microchip Technology AT24C01C Datasheet HTML 17Page - Microchip Technology AT24C01C Datasheet HTML 18Page - Microchip Technology AT24C01C Datasheet HTML 19Page - Microchip Technology AT24C01C Datasheet HTML 20Page - Microchip Technology AT24C01C Datasheet HTML 21Page - Microchip Technology AT24C01C Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
7.
Write Operations
All write operations for the AT24C01C/AT24C02C begin with the master sending a Start condition,
followed by a device address byte with the R/W bit set to logic ‘0’, and then by the word address byte.
The data value(s) to be written to the device immediately follow the word address byte.
7.1
Byte Write
The AT24C01C/AT24C02C supports the writing of a single 8-bit byte. Selecting a data word in the
AT24C01C requires a 7-bit word address, while selecting a data word in the AT24C02C requires an 8-bit
word address.
Upon receipt of the proper device address and the word address bytes, the EEPROM will send an
Acknowledge. The device will then be ready to receive the 8-bit data word. Following receipt of the 8‑bit
data word, the EEPROM will respond with an ACK. The addressing device, such as a bus master, must
then terminate the write operation with a Stop condition. At that time, the EEPROM will enter an internally
self-timed write cycle, which will be completed within tWR, while the data word is being programmed into
the nonvolatile EEPROM. All inputs are disabled during this write cycle, and the EEPROM will not
respond until the write is complete.
Figure 7-1. Byte Write
SCL
SDA
Device Address Byte
Word Address Byte
Data Word
Start
by
Master
ACK
from
Slave
MSB
MSB
Stop
by
Master
MSB
1
2
3
4
5
6
7
8
9
1
0
1
0
A
2
A
1
A
0
0
0
1
2
3
4
5
6
7
8
9
D7 D6
D5
D4
D3 D2 D1
D0
0
A7
A6 A5
A4
A3
A2
A1
A0
0
1
2
3
4
5
6
7
8
9
ACK
from
Slave
ACK
from
Slave
7.2
Page Write
A page write operation allows up to 8 bytes to be written in the same write cycle, provided all bytes are in
the same row of the memory array (where address bits A7 to A3 are the same). Partial page writes of less
than 8 bytes are also allowed.
A page write is initiated the same way as a byte write, but the bus master does not send a Stop condition
after the first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data
word, the bus master can transmit up to seven additional data words. The EEPROM will respond with an
ACK after each data word is received. Once all data to be written has been sent to the device, the bus
master must issue a Stop condition (see Figure 7-2) at which time the internally self-timed write cycle will
begin.
The lower three bits of the word address are internally incremented following the receipt of each data
word. The higher order address bits are not incremented and retain the memory page row location. Page
write operations are limited to writing bytes within a single physical page, regardless of the number of
bytes actually being written. When the incremented word address reaches the page boundary, the
address counter will roll-over to the beginning of the same page. Nevertheless, creating a roll‑over event
should be avoided as previously loaded data in the page could become unintentionally altered.
AT24C01C/AT24C02C
Write Operations
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com