Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01C Datasheet(PDF) 38 Page - Microchip Technology

Part # AT24C01C
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C01C Datasheet(HTML) 38 Page - Microchip Technology

Back Button AT24C01C Datasheet HTML 34Page - Microchip Technology AT24C01C Datasheet HTML 35Page - Microchip Technology AT24C01C Datasheet HTML 36Page - Microchip Technology AT24C01C Datasheet HTML 37Page - Microchip Technology AT24C01C Datasheet HTML 38Page - Microchip Technology AT24C01C Datasheet HTML 39Page - Microchip Technology AT24C01C Datasheet HTML 40Page - Microchip Technology AT24C01C Datasheet HTML 41Page - Microchip Technology AT24C01C Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
DRAWING NO.
REV.
TITLE
GPC
8U3-1
G
7/1/14
8U3-1, 8-ball, 1.50mm x 2.00mm body, 0.50mm pitch,
Very Thin, Fine-Pitch Ball Grid Array Package (VFBGA)
GXU
COMMON DIMENSIONS
(Unit of Measure - mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
0.73
0.79
0.85
A1
0.09
0.14
0.19
A2
0.40
0.45
0.50
b
0.20
0.25
0.30
2
D
1.50 BSC
E
2.0 BSC
e
0.50 BSC
e1
0.25 REF
d
1.00 BSC
d1
0.25 REF
1. This drawing is for general information only.
2. Dimension ‘b’ is measured at maximum solder ball diameter.
3. Solder ball composition shall be 95.5Sn-4.0Ag-.5Cu.
Notes:
A2
SIDE VIEW
A
PIN 1 BALL PAD CORNER
TOP VIEW
E
D
A1
b
8 SOLDER BALLS
BOTTOM VIEW
(d1)
d
4
3
2
(e1)
6
e
5
7
PIN 1 BALL PAD CORNER
1
8
2.
(4X)
d
0.10
B
d
0.08 C
C
f
0.10 C
j
n
0.15m C A B
j
n
0.08m C
A
Note:  For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging.
AT24C01C/AT24C02C
Packaging Information
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com