Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01C Datasheet(PDF) 5 Page - Microchip Technology

Part # AT24C01C
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C01C Datasheet(HTML) 5 Page - Microchip Technology

  AT24C01C Datasheet HTML 1Page - Microchip Technology AT24C01C Datasheet HTML 2Page - Microchip Technology AT24C01C Datasheet HTML 3Page - Microchip Technology AT24C01C Datasheet HTML 4Page - Microchip Technology AT24C01C Datasheet HTML 5Page - Microchip Technology AT24C01C Datasheet HTML 6Page - Microchip Technology AT24C01C Datasheet HTML 7Page - Microchip Technology AT24C01C Datasheet HTML 8Page - Microchip Technology AT24C01C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
2.
Pin Descriptions
The descriptions of the pins are listed in Table 2-1.
Table 2-1. Pin Function Table
Name
8-Lead
PDIP
8-Lead
SOIC
8-Lead
TSSOP
5-Lead
SOT23
8-Pad
UDFN(1)
8-Ball
VFBGA
Function
A0(2)
1
1
1
-
1
1
Device Address Input
A1(2)
2
2
2
-
2
2
Device Address Input
A2(2)
3
3
3
-
3
3
Device Address Input
GND
4
4
4
2
4
4
Ground
SDA
5
5
5
3
5
5
Serial Data
SCL
6
6
6
1
6
6
Serial Clock
WP(2)
7
7
7
5
7
7
Write-Protect
VCC
8
8
8
4
8
8
Device Power Supply
Note: 
1.
The exposed pad on the this package can be connected to GND or left floating.
2.
If the A0, A1, A2 or WP pins are not driven, they are internally pulled down to GND. In order to
operate in a wide variety of application environments, the pull-down mechanism is intentionally
designed to be somewhat strong. Once these pins are biased above the CMOS input buffer’s trip
point (~0.5 x VCC), the pull‑down mechanism disengages. Microchip recommends connecting these
pins to a known state whenever possible.
2.1
Device Address Inputs (A0, A1, A2)
The A0, A1 and A2 pins are device address inputs that are hard-wired (directly to GND or to VCC) for
compatibility with other two-wire Serial EEPROM devices. When the pins are hard-wired, as many as
eight devices may be addressed on a single bus system. A device is selected when a corresponding
hardware and software match is true. If these pins are left floating, the A0, A1 and A2 pins will be
internally pulled down to GND. However, due to capacitive coupling that may appear in customer
applications, Microchip recommends always connecting the address pins to a known state. When using a
pull‑up resistor, Microchip recommends using 10 kΩ or less.
2.2
Ground
The ground reference for the power supply. GND should be connected to the system ground.
2.3
Serial Data (SDA)
The SDA pin is an open-drain bidirectional input/output pin used to serially transfer data to and from the
device. The SDA pin must be pulled high using an external pull-up resistor (not to exceed 10 kΩ in value)
and may be wire-ORed with any number of other open-drain or open-collector pins from other devices on
the same bus.
AT24C01C/AT24C02C
Pin Descriptions
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com