Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01C Datasheet(PDF) 19 Page - Microchip Technology

Part # AT24C01C
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C01C Datasheet(HTML) 19 Page - Microchip Technology

Back Button AT24C01C Datasheet HTML 15Page - Microchip Technology AT24C01C Datasheet HTML 16Page - Microchip Technology AT24C01C Datasheet HTML 17Page - Microchip Technology AT24C01C Datasheet HTML 18Page - Microchip Technology AT24C01C Datasheet HTML 19Page - Microchip Technology AT24C01C Datasheet HTML 20Page - Microchip Technology AT24C01C Datasheet HTML 21Page - Microchip Technology AT24C01C Datasheet HTML 22Page - Microchip Technology AT24C01C Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
Figure 7-2.  Page Write
SCL
SDA
Start
by
Master
ACK
from
Slave
ACK
from
Slave
Device Address Byte
Word Address Byte
MSB
MSB
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
0
A
2
A
1
A
0
0
0
ACK
from
Slave
Stop
by
Master
ACK
from
Slave
Data Word (n)
Data Word (n+x), max of 8 without rollover
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
MSB
MSB
A7
A6 A5
A4
A3
A2
A1
A0
0
D7 D6
D5
D4
D3 D2 D1
D0
0
D7 D6
D5
D4
D3 D2 D1
D0
0
7.3
Acknowledge Polling
An Acknowledge Polling routine can be implemented to optimize time-sensitive applications that would
prefer not to wait the fixed maximum write cycle time (tWR). This method allows the application to know
immediately when the Serial EEPROM write cycle has completed, so a subsequent operation can be
started.
Once the internally self-timed write cycle has started, an Acknowledge Polling routine can be initiated.
This involves repeatedly sending a Start condition followed by a valid device address byte with the R/W
bit set at logic ‘0’. The device will not respond with an ACK while the write cycle is ongoing. Once the
internal write cycle has completed, the EEPROM will respond with an ACK, allowing a new read or write
operation to be immediately initiated. A flowchart has been included below in Figure 7-3 to better illustrate
this technique.
Figure 7-3. Acknowledge Polling Flowchart
Did
the device
ACK?
Send any
Write
protocol.
Send
Stop
condition
to initiate the
Write cycle.
Send Start
condition followed
by a valid
Device Address
byte with R/W = 0.
Proceed to
next Read or
Write operation.
NO
YES
7.4
Write Cycle Timing
The length of the self-timed write cycle (tWR) is defined as the amount of time from the Stop condition that
begins the internal write cycle to the Start condition of the first device address byte sent to the
AT24C01C/AT24C02C that it subsequently responds to with an ACK. Figure 7-4 has been included to
AT24C01C/AT24C02C
Write Operations
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com