Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01C Datasheet(PDF) 24 Page - Microchip Technology

Part # AT24C01C
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C01C Datasheet(HTML) 24 Page - Microchip Technology

Back Button AT24C01C Datasheet HTML 20Page - Microchip Technology AT24C01C Datasheet HTML 21Page - Microchip Technology AT24C01C Datasheet HTML 22Page - Microchip Technology AT24C01C Datasheet HTML 23Page - Microchip Technology AT24C01C Datasheet HTML 24Page - Microchip Technology AT24C01C Datasheet HTML 25Page - Microchip Technology AT24C01C Datasheet HTML 26Page - Microchip Technology AT24C01C Datasheet HTML 27Page - Microchip Technology AT24C01C Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
10.
Packaging Information
10.1
Package Marking Information
AT24C01C and AT24C02C: Package Marking Information
Catalog Number Truncation
AT24C01C
Truncation Code ###: 01C / ##: 1C
AT24C02C
Truncation Code ###: 02C / ##: 2C
Date Codes
Voltages
YY = Year
Y = Year
WW = Work Week of Assembly
% = Minimum Voltage
16: 2016
20: 2020
6: 2016
0: 2020
02: Week 2
M: 1.7V min
17: 2017
21: 2021
7: 2017
1: 2021
04: Week 4
18: 2018
22: 2022
8: 2018
2: 2022
...
19: 2019
23: 2023
9: 2019
3: 2023
52: Week 52
Country of Origin
Device Grade
Atmel Truncation
CO = Country of Origin
H or U: Industrial Grade
AT: Atmel
ATM: Atmel
ATML: Atmel
Trace Code
NNN = Alphanumeric Trace Code (2 Characters for Small Packages)
Note 2: Package drawings are not to scale
Note 1:
designates pin 1
Note 3: For SOT23 package with date codes before 7B, the bottom line (YMXX) is marked on the bottom side and there is no Country of Assembly (@) mark on the top line.
YYWWNNN
###% CO
ATMLHYWW
8-lead SOIC
8-lead TSSOP
YYWWNNN
###%CO
ATHYWW
8-pad UDFN
###
H%
NNN
2.0 x 3.0 mm Body
8-lead PDIP
YYWWNNN
###% CO
ATMLUYWW
5-lead SOT23
##%UYY
WWNNN
8-ball VFBGA
1.5 x 2.0 mm Body
###U
WNNN
AT24C01C/AT24C02C
Packaging Information
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com