Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01C Datasheet(PDF) 7 Page - Microchip Technology

Part # AT24C01C
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C01C Datasheet(HTML) 7 Page - Microchip Technology

Back Button AT24C01C Datasheet HTML 3Page - Microchip Technology AT24C01C Datasheet HTML 4Page - Microchip Technology AT24C01C Datasheet HTML 5Page - Microchip Technology AT24C01C Datasheet HTML 6Page - Microchip Technology AT24C01C Datasheet HTML 7Page - Microchip Technology AT24C01C Datasheet HTML 8Page - Microchip Technology AT24C01C Datasheet HTML 9Page - Microchip Technology AT24C01C Datasheet HTML 10Page - Microchip Technology AT24C01C Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
3.
Description
The AT24C01C/AT24C02C provides 1,024/2,048 bits of Serial Electrically Erasable and Programmable
Read-Only Memory (EEPROM) organized as 128/256 words of 8 bits each. The device’s cascading
feature allows up to eight devices to share a common two‑wire bus. This device is optimized for use in
many industrial and commercial applications where low-power and low-voltage operations are essential.
The device is available in space-saving 8-lead SOIC, 8-lead TSSOP, 8-pad UDFN, 8-lead PDIP, 5-lead
SOT23 and 8-ball VFBGA packages. All packages operate from 1.7V to 5.5V.
3.1
System Configuration Using Two-Wire Serial EEPROMs
I2C Bus Master:
Microcontroller
Slave 0
AT24CXXX
VCC
WP
SDA
SCL
A0
A1
A2
GND
VCC
GND
SCL
SDA
WP
RPUP(max) =
tR(max)
0.8473 x CL
RPUP(min) = VCC - VOL(max)
IOL
Slave 1
AT24CXXX
VCC
WP
SDA
SCL
A0
A1
A2
GND
Slave 7
AT24CXXX
VCC
WP
SDA
SCL
A0
A1
A2
GND
VCC
AT24C01C/AT24C02C
Description
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com