Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01C Datasheet(PDF) 1 Page - Microchip Technology

Part # AT24C01C
Description  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C01C Datasheet(HTML) 1 Page - Microchip Technology

  AT24C01C Datasheet HTML 1Page - Microchip Technology AT24C01C Datasheet HTML 2Page - Microchip Technology AT24C01C Datasheet HTML 3Page - Microchip Technology AT24C01C Datasheet HTML 4Page - Microchip Technology AT24C01C Datasheet HTML 5Page - Microchip Technology AT24C01C Datasheet HTML 6Page - Microchip Technology AT24C01C Datasheet HTML 7Page - Microchip Technology AT24C01C Datasheet HTML 8Page - Microchip Technology AT24C01C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
AT24C01C/AT24C02C
I²C-Compatible (Two-Wire) Serial EEPROM
1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
Features
Low-Voltage Operation:
VCC = 1.7V to 5.5V
Internally Organized as 128 x 8 (1K) or 256 x 8 (2K)
Industrial Temperature Range: -40°C to +85°C
I2C-Compatible (Two-Wire) Serial Interface:
100 kHz Standard mode, 1.7V to 5.5V
400 kHz Fast mode, 1.7V to 5.5V
1 MHz Fast Mode Plus (FM+), 2.5V to 5.5V
Schmitt Triggers, Filtered Inputs for Noise Suppression
Bidirectional Data Transfer Protocol
Write-Protect Pin for Full Array Hardware Data Protection
Ultra Low Active Current (3 mA maximum) and Standby Current (6 μA maximum)
8-Byte Page Write Mode:
Partial page writes allowed
Random and Sequential Read Modes
Self-Timed Write Cycle within 5 ms Maximum
ESD Protection > 4,000V
High Reliability:
Endurance: 1,000,000 write cycles
Data retention: 100 years
Green Package Options (Lead-free/Halide-free/RoHS compliant)
Die Sale Options: Wafer Form and Bumped Wafers
Packages
8-Lead PDIP, 8-Lead SOIC, 5-Lead SOT23, 8-Lead TSSOP, 8-Pad UDFN and 8-Ball VFBGA
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 1


Similar Part No. - AT24C01C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01C ATMEL-AT24C01C Datasheet
960Kb / 23P
I2C-Compatible (2-wire) Serial EEPROM
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
2-wire Automotive Temperature Serial EEPROMs
More results

Similar Description - AT24C01C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST14C02C STMICROELECTRONICS-ST14C02C Datasheet
109Kb / 12P
Memory Card IC 2 Kbit 256 x 8 Serial I2C Bus EEPROM
logo
Siemens Semiconductor G...
SLX24C01 SIEMENS-SLX24C01 Datasheet
361Kb / 27P
1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
logo
ATMEL Corporation
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
Two-wire Serial EEPROM 2K (256 x 8)
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
Two-wire Serial EEPROM 1K (128 x 8)
AT24C04C-SSHM-T ATMEL-AT24C04C-SSHM-T Datasheet
831Kb / 24P
I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
AT24C128C-SSHM-T ATMEL-AT24C128C-SSHM-T Datasheet
968Kb / 22P
I2C-Compatible (2-Wire) Serial EEPROM 128-Kbit (16,384 x 8)
AT24C08C-SSHM-T ATMEL-AT24C08C-SSHM-T Datasheet
831Kb / 24P
I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
AT24C08C-STUM-T ATMEL-AT24C08C-STUM-T Datasheet
831Kb / 24P
I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
logo
Microchip Technology
AT24CS32 MICROCHIP-AT24CS32 Datasheet
1Mb / 42P
I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
Revision A April 2020
logo
ATMEL Corporation
AT24C16C ATMEL-AT24C16C Datasheet
1Mb / 23P
I2C-Compatible, (2-Wire) Serial EEPROM 16-Kbit (2048 x 8)
12.2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com