Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW125RAM Datasheet(PDF) 12 Page - Fuji Electric

Part # BW125RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW125RAM Datasheet(HTML) 12 Page - Fuji Electric

Back Button BW125RAM Datasheet HTML 8Page - Fuji Electric BW125RAM Datasheet HTML 9Page - Fuji Electric BW125RAM Datasheet HTML 10Page - Fuji Electric BW125RAM Datasheet HTML 11Page - Fuji Electric BW125RAM Datasheet HTML 12Page - Fuji Electric BW125RAM Datasheet HTML 13Page - Fuji Electric BW125RAM Datasheet HTML 14Page - Fuji Electric BW125RAM Datasheet HTML 15Page - Fuji Electric BW125RAM Datasheet HTML 16Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 93 page
background image
06/12
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Molded Case Circuit Breakers
G-TWIN series
Quick reference guide
Ampere frame
630A
800A
Type
BW630EAG
BW630RAG
BW630HAG
BW800EAG
BW800RAG
BW800HAG
Pole
3
3
4
3
4
3
3
4
3
4
Rated current Reference amb. temp. (40°C)
In(A)
500, 600, 630
700, 800
Rated impulse withstand voltage
Uimp(kV)
8
8
8
8
8
8
Isolation compliant
Rated insulation voltage Ui (V)
AC
690
690
690
690
690
690
DC
250
250
250
250
250
250
Rated breaking
capacity
Icu/Ics (kA)
IEC 60947-2
EN 60947-2
JIS C 8201-2-1
AC
690V
–
15/8
15/8
–
15/8
15/8
600V
–
–
–
–
–
–
500V
18/9
36/18
42/21
18/9
36/18
42/21
440V
36/18
50/25
70/35
36/18
50/25
70/35
415V
36/18
50/25
70/35
36/18
50/25
70/35
400V
36/18
50/25
70/35
36/18
50/25
70/35
380V
36/18
50/25
70/35
36/18
50/25
70/35
240V
50/25
100/50
125/63
50/25
100/50
125/63
230V
50/25
100/50
125/63
50/25
100/50
125/63
DC
250V
20/10
40/20
40/20
20/10
40/20
40/20
GB14048.2
AC
400V
36/18
50/25
70/35
36/18
50/25
70/35
230V
50/25
100/50
125/63
50/25
100/50
125/63
Conforming to
standards
CE Marking
(TÜV)
(TÜV)
(TÜV)
(TÜV)
(TÜV)
(TÜV)
CCC certificate
Electrical Appliance and Material Safety Law <PS>E*
1
–
–
–
–
–
–
Dimensions (mm)
a
210
210
280
210
280
210
210
280
210
280
b
275
275
275
275
275
275
c
103
103
103
103
103
103
d
146
146
146
146
146
146
Mass (kg)
7.8
7.8
10.3
7.8
10.3
8.3
8.3
11
8.3
11
Tripping device
Thermal-magnetic
Front mounting, front connection
No-mark
Front mounting, rear connection
X
Flush mounting, front connection
E
Plug-in mounting
P
–
–
–
–
Internal accessories
Page 06/65
Alarm switch
K
Auxiliary switch
W
Undervoltage trip
R
Shunt trip
F
External accessories
Page 06/66
Handle padlocking device
Cap type
QN
Handle padlocking device
Plate type
Q2
Operating handle
N-type
N
Operating handle
V-type
V
Terminal cover
Long
BT L
Insulation barrier
Interphase
BP
Handle locking cover
L1
Flat terminal
SS
*
2
*
2
*
2
*
2
*
2
*
2
Block terminal
SL
: Approved
: Available
–: Not available
Note: *
1 Electrical Appliance and Material Safety Law of Japan
*
2 Standard provided
c
a
d
b
G-TWIN Standard Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com