Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW125RAM Datasheet(PDF) 73 Page - Fuji Electric

Part # BW125RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW125RAM Datasheet(HTML) 73 Page - Fuji Electric

Back Button BW125RAM Datasheet HTML 69Page - Fuji Electric BW125RAM Datasheet HTML 70Page - Fuji Electric BW125RAM Datasheet HTML 71Page - Fuji Electric BW125RAM Datasheet HTML 72Page - Fuji Electric BW125RAM Datasheet HTML 73Page - Fuji Electric BW125RAM Datasheet HTML 74Page - Fuji Electric BW125RAM Datasheet HTML 75Page - Fuji Electric BW125RAM Datasheet HTML 76Page - Fuji Electric BW125RAM Datasheet HTML 77Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 93 page
background image
06/73
06
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Accessory
Type
Operating voltge
Lead wire system
Terminal block system
Left side
Right side
Left side
Right side *
Auxiliary switch
BW9W1SG0
BW9W1SG0-R
BW9W1SG0-A –
–
Auxiliary switch (low level circuit)
BW9W1DG0
BW9W1DG0-R
– *
Alarm switch
BW9K1SG0
BW9K1SG0-R
BW9K1SG0-A
Alarm switch (low level circuit)
BW9K1DG0
BW9K1DG0-R
– *
Auxiliary switch + Alarm switch
BW9WKSG0
BW9WK1SG0-R
BW9WKSG0-A
Auxiliary switch + Alarm switch (low level circuit)
BW9WKDG0
BW9WK1DG0-R
– *
Shunt trip device
BW9FRG0
BW9FRG0
BW9FRG0-A
24V AC/DC
BW9FSG0
BW9FSG0
BW9FSG0-A
48V AC/DC
BW9FAG0
BW9FAG0
BW9FAG0-A
100-120V AC/100-110V DC
BW9F1G0
BW9F1G0
BW9F1G0-A
120-130V AC
BW9FKG0
BW9FKG0
BW9FKG0-A
200-240V AC/200-220V DC
BW9FBG0
BW9FBG0
BW9FBG0-A
277V AC
BW9FPG0
BW9FPG0
BW9FPG0-A
380-440V AC
BW9FHG0
BW9FHG0
BW9FHG0-A
440-480V AC
BW9FJG0
BW9FJG0
BW9FJG0-A
500-550V AC
Undervoltage trip devics
BW9RGAR
–
BW9RGAR-A
24V DC
BW9RGAS
BW9RGAS-A
48V DC
BW9RGAL
BW9RGAL-A
100-110V DC
BW9RGA5
BW9RGA5-A
125V DC
BW9RGAA
BW9RGAA-A
100-110V AC
BW9RGAT
BW9RGAT-A
110-130V AC
BW9RGAK
BW9RGAK-A
200-240V AC
BW9RGAB
BW9RGAB-A
277V AC
BW9RGAP
BW9RGAP-A
380-415V AC
BW9RGAH
BW9RGAH-A
440-480V AC
Note: * Factory-mounted
Note: * Factory-mounted
Accessory
Type
Operating voltge
Lead wire system
Terminal block system *
Left side
Auxiliary switch x 1
BW9W1SHA
–
–
Auxiliary switch x 2
BW9W2SHA
Auxiliary switch (low level circuit) x 1
BW9W1DHA
Auxiliary switch (low level circuit) x 2
BW9W2DHA
Alarm switch x 1
BW9K1SHA
Alarm switch x 2
BW9K2SHA
Alarm switch (low level circuit) x 1
BW9K1DHA
Alarm switch (low level circuit) x 2
BW9K2DHA
Shunt trip device
BW9FHA-R
24-48V AC/DC
BW9FHA-A
100-240V AC/100-220V DC
BW9FHA-B
277V AC
BW9FHA-P
380-550V AC
Undervoltage trip devics
BW9RHA-R
24V AC/DC
BW9RHA-S
48V AC/DC
BW9RHA-A
100-110 AC/DC
BW9RHA-1
120-130V AC/125V DC
BW9RHA-K
200-240V AC/200-220V DC
BW9RHA-B
277V AC
BW9RHA-P
380-480V AC
• 400, 630, 800AF IEC/EN/GB/JIS/UL/CSA conformed
• 125, 160, 250AF IEC/EN/GB/JIS/UL/CSA conformed
Molded Case Circuit Breakers
G-TWIN series
Internal accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com