Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW125RAM Datasheet(PDF) 82 Page - Fuji Electric

Part # BW125RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW125RAM Datasheet(HTML) 82 Page - Fuji Electric

Back Button BW125RAM Datasheet HTML 78Page - Fuji Electric BW125RAM Datasheet HTML 79Page - Fuji Electric BW125RAM Datasheet HTML 80Page - Fuji Electric BW125RAM Datasheet HTML 81Page - Fuji Electric BW125RAM Datasheet HTML 82Page - Fuji Electric BW125RAM Datasheet HTML 83Page - Fuji Electric BW125RAM Datasheet HTML 84Page - Fuji Electric BW125RAM Datasheet HTML 85Page - Fuji Electric BW125RAM Datasheet HTML 86Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 93 page
background image
06/82
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
• BW9N0HA, BW9N0JA
Line
Panel thickness:
1.6-3.2
Install the door hinge in the shaded area.
112
Mounting screw
4-ø15
150
53
157±2
Panel
Lock plate
Padlock size ø4 to ø8
(Up to 2 ø8 padlocks can
be mounted.)
100
100
200
200
Decorative
plate
ø138
MCCB
handle C/L
MCCB
handle C/L
MCCB
handle C/L
Load
Handle C/L
Door panel cutting
Note: Align the center of the hole cut in the panel
with the center of the breaker handle.
X-type 169±2
P-type 171±2 400AF
174±2 630AF
219±2 800AF
MCCB
Handle
type
Dust proof
packing
Mounting
screw
Mass
(kg)
BW400
BW9N0HA
BW9N0HA-X
BW9N0HA-P
BZ-NP-2
M6 x 110
M6 x 115
Contact FUJI.
1.9
BW630
BW800
BW9N0JA
BW9N0JA-X
BW9N0JA-P
BZ-NP-2
M6 x 110
M6 x 115
Contact FUJI.
1.9
Molded Case Circuit Breakers
G-TWIN series
External accessories
Notes: • The handle lock bars do not hold the entire door. Obtain a support bracket for the panel separately.
• Remove the handle lock bar before opening the door. (Turn the handle in the open direction.)
The lock bar will be damaged if the door is opened with force while the lock bar is engaged.
• Engage the door interlock securely before turning ON the power.
• Not available for side mounting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com