Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW125RAM Datasheet(PDF) 75 Page - Fuji Electric

Part # BW125RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW125RAM Datasheet(HTML) 75 Page - Fuji Electric

Back Button BW125RAM Datasheet HTML 71Page - Fuji Electric BW125RAM Datasheet HTML 72Page - Fuji Electric BW125RAM Datasheet HTML 73Page - Fuji Electric BW125RAM Datasheet HTML 74Page - Fuji Electric BW125RAM Datasheet HTML 75Page - Fuji Electric BW125RAM Datasheet HTML 76Page - Fuji Electric BW125RAM Datasheet HTML 77Page - Fuji Electric BW125RAM Datasheet HTML 78Page - Fuji Electric BW125RAM Datasheet HTML 79Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 93 page
background image
06/75
06
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Molded Case Circuit Breakers
G-TWIN series
External accessories
These interlocking devices are mounted on
the two separate breakers to prevent them
from both being closed at the same time.
A sliding mechanism that can be locked
with a padlock is used. (The padlock is not
included.)
They are designed for use when changing
over power supplies.
These can be mounted to 3 types of
breakers: front-mounting front-connection
type, front-mounting rear-connection type
(type X), and plug-in mounting type (type P).
Interlock devices for flush mounting type
breakers (type E, Y) are also available.
Mechanical interlocking devices
n
Description
M1 types
n
Type and applicable breakers
Type
Breaker type
BZ6M110C2
BW32AAG-2P, BW32SAG-2P
BW50AAG-2P, BW50EAG-2P, BW50SAG-2P, BW50RAG-2P
BW63EAG-2P, BW63SAG-2P, BW63RAG-2P
BW100EAG-2P
BZ6M110C3
BW32AAG-3P, BW32SAG-3P
BW50AAG-3P, BW50EAG-3P, BW50SAG-3P, BW50RAG-3P
BW63EAG-3P, BW63SAG-3P, BW63RAG-3P
BW100AAG-3P, BW100EAG-3P
BW9M1CA-2
BW125JAG-2P
BW9M1CA-3
BW125JAG-3P, BW125SAG-2P, BW125SAG-3P, BW125RAG-2P, BW125RAG-3P
BW9M1CA-4
BW125JAG-4P, BW125SAG-4P, BW125RAG-4P
BW9M1GA-3
BW160EAG-2P, BW160EAG-3P, BW160JAG-2P, BW160JAG-3P
BW160SAG-2P, BW160SAG-3P, BW160RAG-2P, BW160RAG-3P
BW250EAG-2P, BW250EAG-3P, BW250JAG-2P, BW250JAG-3P
BW250SAG-2P, BW250SAG-3P, BW250RAG-2P, BW250RAG-3P
BW9M1GA-4
BW160JAG-4P, BW160SAG-4P, BW160RAG-4P
BW250JAG-4P, BW250SAG-4P, BW250RAG-4P
BW9M1HA-3
BW400EAG-2P, BW400EAG-3P, BW400SAG-2P, BW400SAG-3P
BW400RAG-2P, BW400RAG-3P, BW400HAG-2P, BW400HAG-3P
BW9M1HA-4
BW400RAG-4P, BW400HAG-4P
BW9M1JA-3
BW630EAG-3P, BW630RAG-3P, BW630HAG-3P
BW800EAG-3P, BW800RAG-3P, BW800HAG-3P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com