Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW125RAM Datasheet(PDF) 28 Page - Fuji Electric

Part # BW125RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW125RAM Datasheet(HTML) 28 Page - Fuji Electric

Back Button BW125RAM Datasheet HTML 24Page - Fuji Electric BW125RAM Datasheet HTML 25Page - Fuji Electric BW125RAM Datasheet HTML 26Page - Fuji Electric BW125RAM Datasheet HTML 27Page - Fuji Electric BW125RAM Datasheet HTML 28Page - Fuji Electric BW125RAM Datasheet HTML 29Page - Fuji Electric BW125RAM Datasheet HTML 30Page - Fuji Electric BW125RAM Datasheet HTML 31Page - Fuji Electric BW125RAM Datasheet HTML 32Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 93 page
background image
Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
06/28
Molded Case Circuit Breakers
G-TWIN series
Wire size and terminal
• Block terminal connection
MCCB
Rated current (A) Connectable wire size (AWG)
Tightening torque (N•m) Type of screw head
and size (mm)
Figure
BW100EAGU
60
6AWG
5.8
(5.5 to 6.5)
Slotted set screw
70
4AWG
75
80
90
3AWG
100
BW125JAGU
BW125RAGU
15
14AWG
5.8
(5.8 to 6.4)
Slotted set screw
20
12AWG
30
10AWG
40
8AWG
50
60
6AWG
70
4AWG
75
80
90
3AWG
100
125
1AWG
BW250EAGU
BW250JAGU
BW250RAGU
125
1AWG
23
(23 to 25.3)
Hexagon socket head
setscrew: 8 mm (5/16 inch)
Screw head size
150
1/0AWG
175
2/0AWG
200
3/0AWG
225
4/0AWG
250
250MCM
BW400EAGU
BW400SAGU
BW400RAGU
BW400HAGU
250
250MCM
43.5
(43.5 to 48)
Hexagon socket head
setscrew: 9.53 mm (3/8 inch)
300
350MCM
350
500MCM
400
3/0AWG(x2)
31.9
(31.9 to 35.1)
Hexagon socket head
setscrew: 8 mm (5/16 inch)
BW630RAGU
BW630HAGU
500
250MCM(x2)
31.1
(31.1 to 34.2)
Hexagon socket head
setscrew: 8 mm (5/16 inch)
600
350MCM(x2)
BW800RAGU
BW800HAGU
700
500MCM(x2)
31.1
(31.1 to 34.2)
Hexagon socket head
setscrew: 8 mm (5/16 inch)
800
300MCM(x3)
Notes: • AWG/MCM is the UL approved wire unit.
• The allowable temperature of wire is 75˚C. (UL CSA approved)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com