Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW125RAM Datasheet(PDF) 26 Page - Fuji Electric

Part # BW125RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW125RAM Datasheet(HTML) 26 Page - Fuji Electric

Back Button BW125RAM Datasheet HTML 22Page - Fuji Electric BW125RAM Datasheet HTML 23Page - Fuji Electric BW125RAM Datasheet HTML 24Page - Fuji Electric BW125RAM Datasheet HTML 25Page - Fuji Electric BW125RAM Datasheet HTML 26Page - Fuji Electric BW125RAM Datasheet HTML 27Page - Fuji Electric BW125RAM Datasheet HTML 28Page - Fuji Electric BW125RAM Datasheet HTML 29Page - Fuji Electric BW125RAM Datasheet HTML 30Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 93 page
background image
Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
06/26
Terminal position
Applicable breaker type
Code
Blank
Blank
SB
SF
S3
S4
S5
S6
S7
S8
Line
Screw
Flat teminal
Block terminal
Flat teminal
Screw
Flat teminal
Screw
Block terminal
Flat teminal
Block terminal
Load
Screw
Flat teminal
Block terminal
Flat teminal
Flat terminal
Screw
Block terminal
Screw
Block terminal
Flat terminal
BW100, 125, 250
–
BW50
–
–
–
–
–
–
BW400, 630, 800
–
–
–
–
–
–
Molded Case Circuit Breakers
G-TWIN series
Wire size and terminal
n
Notes on wiring (global series)
Notes on connecting wires (conductors)
• Connect wires to the UL breaker according to NEC (National
Electric Code) or CEC (Canadian Electrical Code) Part 1.
• Use 75°C copper wires for wiring. UL-certified or CSA-
certified wires are recommended.
• If a large current (for example, a short-circuit current)
flows, it causes a huge electromagnetic force between wires.
Therefore, be sure to secure the wires sufficiently.
• Re-tighten terminal screws periodically.
Block terminal connection
• Choose from the stranded wires shown in Table.
Wire size: AWG or MCM [mm2]
No. of wires stranded
14 to 2 [2.1 to 33.6]
7
1 to 4/0 [42.4 to 107.2]
19
250 to 500 [127 to 250]
37
Values in [ ] are those converted from AWG or MCM sizes to mm2.
* See the instruction manual that comes with the breaker for
more details.
Precautions
• Two wires of different sizes cannot be connected to the
same block terminal.
• Be sure to use stranded wires according to Table "Number
of wires stranded."
• Multi-conductor wires cannot be connected.
• Do not solder wires together.
Wire size and crimp terminal
• Crimp terminal connection
MCCB
Rated
current
(A)
Applicable crimp terminal
75˚C wire
Connectable wire
size (AWG)
Tightening
torque
(N•m)
Type of
screw head
and size
(mm)
J.S.T Mfg. Co., Ltd.
Nichifu Co., Ltd.
Daido Solderless Terminal
Mfg. Co., Ltd.
75˚C wire
BW50RAGU
3
R2-5
R2-5M
R2-5
2-S5, 2-5
14AWG
2.3-2.8
Cross/straight slotted
pan-head screw
M5 x 14
5
10
15
20
R5.5-5
R3.5-5S, R3.5-5L, 5.5-6N,
R5.5-5S, R5.5-5
3.5-5, 5.5-S5,
5.5-5, 5.5-L5
12AWG
30
10AWG
40
R8-5
R8-5S, R8-5
8-S5, 8-5
8AWG
50
BW100EAGU
60
R14-8
R14-8S, R14-8
R14-S8, R14-8
6AWG
5.5-7.5
Cross/straight slotted
pan-head screw
M8 x 15
75
22-S8
R22-8S, R22-8
R22-S8, 22-8
4AWG
100
38-S8
R38-8S
38-S8
3AWG
BW125JAGU
BW125RAGU
15
R2-8
R2-8
2-8, 2-B8
14AWG
5.8
(5.3-6.4)
Cross/straight slotted
pan-head screw
M8 x 16
20
5.5-S8, R5.5-8
R3.5-8, R5.5-8
3.5-8, 5.5-8
12AWG
30
R5.5-8
5.5-8
10AWG
40
8-8NS, R8-8
R8-8
8-8
8AWG
50
60
14-8NS, 14-S8, R14-8
R14-8S, R14-8
14-S8, 14-8
6AWG
70
22-S8, R22-8, CB22-S8 R22-8S, R22-8, CB22-8S 22-S8, 22-8, CB22-8
4AWG
75
80
90
38-S8
R38-8S
38-S8
3AWG
100
125
1AWG
BW250EAGU
BW250JAGU
BW250RAGU
125
38-S8, R38-8
R38-8S, R38-8
38-S8, 38-8
1AWG
10.5
(8-13)
Hexagon socket
head bolt
M8 x 16
150
60-S8, R60-8
R60-8, CB60-8, CB60-8S 60-8, CB60-8
1/0AWG
175
70-8
R70-8
70-8
2/0AWG
200
CB80-S8
CB80-8
3/0AWG
225
CB100-S8
CB100-8
4/0AWG
250
CB150-S8
CB150-8
CB150-8
250MCM
Notes: • AWG/MCM is the UL approved wire unit.
• The allowable temperature of wire is 75˚C. (UL CSA approved)
• Be sure to use UL-certified or CSA-certified crimp tools commercially available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com