Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW125RAM Datasheet(PDF) 2 Page - Fuji Electric

Part # BW125RAM
Description  Molded Case Circuit Breakers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

BW125RAM Datasheet(HTML) 2 Page - Fuji Electric

  BW125RAM Datasheet HTML 1Page - Fuji Electric BW125RAM Datasheet HTML 2Page - Fuji Electric BW125RAM Datasheet HTML 3Page - Fuji Electric BW125RAM Datasheet HTML 4Page - Fuji Electric BW125RAM Datasheet HTML 5Page - Fuji Electric BW125RAM Datasheet HTML 6Page - Fuji Electric BW125RAM Datasheet HTML 7Page - Fuji Electric BW125RAM Datasheet HTML 8Page - Fuji Electric BW125RAM Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 93 page
background image
06/2
Fuji Electric FA components & Systems Co., Ltd./D & C Catalog
Information subject to change without notice
Type number nomenclature
Molded Case Circuit Breakers
G-TWIN series
Type number nomenclature
Rated current
See page 06/29.
No. of poles
2P: 2-pole
3P: 3-pole
4P: 4-pole
G-TWIN series
Blank: Standard
U: Global
Model
G: Line protection
M: Motor protection
Breaking capacity
Rated breaking capacity Icu (440V AC)
32AF 50AF 63AF 100AF 125AF 160AF 250AF 400AF 630AF 800AF
AA
1.5kA 1.5kA
–
1.5kA
–
–
–
–
–
–
EA
1.5kA 2.5kA 2.5kA 10kA
–
18kA
18kA
30kA
36kA
36kA
JA
–
–
–
–
30kA
30kA
30kA
–
–
–
SA
2.5kA 7.5kA 7.5kA
–
36kA
36kA
36kA
36kA
–
–
RA
–
10kA
10kA
–
50kA
50kA
50kA
50kA
50kA
50kA
HA
–
65kA
–
–
65kA
–
65kA
70kA
70kA
70kA
Frame size
32: 32AF
63: 63AF
125: 125AF
250: 250AF
630: 630AF
50: 50AF
100: 100AF
160: 160AF
400: 400AF
800: 800AF
Series
BW: G-TWIN series MCCB
BW
250
EA
G
-
3P
225
X
Mounting and connection
• Standard type
Blank: Front mounting front connection
X:
Front mounting rear connection
E:
Flush mounting rear connection
Y:
Flush mounting , top & buttom connection
P:
Plug-in mounting
Auxiliary switch*
W: Standard SPDT
V: Standard 2PDT
1: For low level circuit SPDT
2: For low level circuit 2PDT
Alarm switch*
K: Standard SPDT
J: Standard 2PDT
8: For low level circuit SPDT
9: For low level circuit 2PDT
Undervoltage trip device (Internal)*
• 125/160/250AF
• 400/630/800AF
: DC24V
AC/DC24V
: DC48V
AC/DC48V
: DC100-110V
AC/DC100-110V
: DC125V
AC120-130V / DC125V
: AC100-110V
AC200-240V / DC200-220V
: AC110-130V
AC277V
: AC200-240V
AC380-480V
: AC277V
: AC380-415V
: AC440-480V
Undervoltage trip device (External)*
• 32/50/63/100AF
: DC24V
: DC100-110V
: AC100V (50Hz) / AC100-110V (60Hz)
: AC200V (50Hz) / AC200-220V (60Hz)
: AC400V (50Hz) / AC400-440V (60Hz)
Connection method (internal accessories)
Blank: Lead-wire system
A: Terminal block system
W
K
F
R
A
Q2
M
UC
* For the available configuration of accessory,
see page 06/68.
Shunt trip device (Internal)*
• 125/160/250AF
• 400/630/800AF
: AC/DC24V
AC/DC24-48V
: AC/DC48V
AC100-240V / DC100-220V
: AC100-120V / DC100-110V
AC277V
: AC120-130V
AC380-550V
: AC200-240V / DC200-220V
: AC277V
: AC380-440V
: AC440-480V
: AC500-550V
Shunt trip device (Internal)*
• 32/50/63/100AF
: AC/DC24V
: AC100-120V / DC100-110V
: AC200-240V
: AC380-450V
Pad locking device
Q2: Plate type
With motor operating device (32 - 100AF)
: DC100V
AC100-110V
AC200-220V
Enclosure
UC: Standard
UV: Dust-proof (IP40)
UW: Rain-proof (IP54)
Terminal combination (Global type)
Terminal position
Applicable breaker type
Code
Blank
Blank
SB
SF
S3
S4
S5
S6
S7
S8
Line
Screw
Flat teminal
Block terminal
Flat teminal
Screw
Flat teminal
Screw
Block terminal
Flat teminal
Block terminal
Load
Screw
Flat teminal
Block terminal
Flat teminal
Flat terminal
Screw
Block terminal
Screw
Block terminal
Flat terminal
BW50
●
–
–
●
●
●
–
–
–
–
BW100, 125, 250
●
–
●
●
●
●
●
●
●
●
BW400, 630, 800
–
●
●
–
–
–
–
–
●
●



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com