Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB251 Datasheet(PDF) 24 Page - Microchip Technology

Part # USB251
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB251 Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB251 Datasheet HTML 20Page - Microchip Technology USB251 Datasheet HTML 21Page - Microchip Technology USB251 Datasheet HTML 22Page - Microchip Technology USB251 Datasheet HTML 23Page - Microchip Technology USB251 Datasheet HTML 24Page - Microchip Technology USB251 Datasheet HTML 25Page - Microchip Technology USB251 Datasheet HTML 26Page - Microchip Technology USB251 Datasheet HTML 27Page - Microchip Technology USB251 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
USB251xB/xBi
DS00001692C-page 24
 2010 - 2015 Microchip Technology Inc.
5.1.10
REGISTER 09H: NON-REMOVABLE DEVICE
5.1.11
REGISTER 0AH: PORT DISABLE FOR SELF-POWERED OPERATION
Bit Number
Bit Name
Description
7:0
NR_DEVICE
Non-Removable Device: indicates which port has a non-removable device.
0
: port is removable
1
: port is non-removable
Bit 7 : rsvd
Bit 6 : rsvd
Bit 5 : rsvd
Bit 4 : controls port 4
Bit 3 : controls port 3
Bit 2 : controls port 2
Bit 1 : controls port 1
Bit 0 : rsvd
Note:
The device must provide its own descriptor data.
When using the default configuration, the NON_REM[1:0] pins will designate
the appropriate ports as being non-removable.
Bit Number
Bit Name
Description
7:0
PORT_DIS_SP
Port Disable Self-Powered: disables one or more ports.
0
= port is available
1
= port is disabled
Bit 7 : rsvd
Bit 6 : rsvd
Bit 5 : rsvd
Bit 4 : controls port 4
Bit 3 : controls port 3
Bit 2 : controls port 2
Bit 1 : controls port 1
Bit 0 : rsvd
During self-powered operation when mapping mode is disabled (PRTMAP_EN
= 0), this register selects the ports that will be permanently disabled. These
ports are then unavailable and cannot be enabled or enumerated by a host
controller. The ports can be disabled in any order, where the internal logic will
automatically report the correct number of enabled ports to the USB host. The
active ports will be reordered in order to ensure proper function.
When using the default configuration, PRT_DIS_P[x:1] and PRT_DIS_M[x:1]
pins disable the appropriate ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com