Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB251 Datasheet(PDF) 29 Page - Microchip Technology

Part # USB251
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB251 Datasheet(HTML) 29 Page - Microchip Technology

Back Button USB251 Datasheet HTML 25Page - Microchip Technology USB251 Datasheet HTML 26Page - Microchip Technology USB251 Datasheet HTML 27Page - Microchip Technology USB251 Datasheet HTML 28Page - Microchip Technology USB251 Datasheet HTML 29Page - Microchip Technology USB251 Datasheet HTML 30Page - Microchip Technology USB251 Datasheet HTML 31Page - Microchip Technology USB251 Datasheet HTML 32Page - Microchip Technology USB251 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001692C-page 29
USB251xB/xBi
5.1.28
REGISTER F8H: BOOST_4:0
5.1.29
REGISTER FAH: PORT SWAP
Bit Number
Bit Name
Description
7:6
BOOST_IOUT_4
USB electrical signaling drive strength boost bit for downstream port 4.
00
: normal electrical drive strength - no boost
01
: elevated electrical drive strength - low (~4% boost)
10
: elevated electrical drive strength - medium (~ 8% boost)
11
: elevated electrical drive strength - high (~12% boost)
5:4
BOOST_IOUT_3
USB electrical signaling drive strength boost bit for downstream port 3.
00
: normal electrical drive strength - no boost
01
: elevated electrical drive strength - low (~4% boost)
10
: elevated electrical drive strength - medium (~ 8% boost)
11
: elevated electrical drive strength - high (~12% boost)
3:2
BOOST_IOUT_2
USB electrical signaling drive strength boost bit for downstream port 2.
00
: normal electrical drive strength - no boost
01
: elevated electrical drive strength - low (~4% boost)
10
: elevated electrical drive strength - medium (~ 8% boost)
11
: elevated electrical drive strength - high (~12% boost)
1:0
BOOST_IOUT_1
USB electrical signaling drive strength boost bit for downstream port 1.
00
: normal electrical drive strength - no boost
01
: elevated electrical drive strength - low (~4% boost)
10
: elevated electrical drive strength - medium (~ 8% boost)
11
: elevated electrical drive strength - high (~12% boost)
Note:
Boost could result in non-USB compliant parameters. Therefore, a value of 00 should be implemented
unless specific implementation issues require additional signal boosting to correct for degraded USB sig-
naling levels.
Bit Number
Bit Name
Description
7:0
PRTSP
Port Swap: swaps the upstream USBDP/USBDM pins (USBDP_UP and
USBDM_UP) and the downstream USBDP/USBDM pins (USBDP_DN[x:1] and
USBDP_DN[x:1]) for ease of board routing to devices and connectors.
0
: USB D+ functionality is associated with the DP pin and D- functionality is
associated with the DM pin.
1
: USB D+ functionality is associated with the DM pin and D- functionality is
associated with the DP pin.
Bit 7 : rsvd
Bit 6 : rsvd
Bit 5 : rsvd
Bit 4 : controls port 4
Bit 3 : controls port 3
Bit 2 : controls port 2
Bit 1 : controls port 1
Bit 0 : when set to 1, the upstream port DP/DM is swapped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com