Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB251 Datasheet(PDF) 38 Page - Microchip Technology

Part # USB251
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB251 Datasheet(HTML) 38 Page - Microchip Technology

Back Button USB251 Datasheet HTML 34Page - Microchip Technology USB251 Datasheet HTML 35Page - Microchip Technology USB251 Datasheet HTML 36Page - Microchip Technology USB251 Datasheet HTML 37Page - Microchip Technology USB251 Datasheet HTML 38Page - Microchip Technology USB251 Datasheet HTML 39Page - Microchip Technology USB251 Datasheet HTML 40Page - Microchip Technology USB251 Datasheet HTML 41Page - Microchip Technology USB251 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
USB251xB/xBi
DS00001692C-page 38
 2010 - 2015 Microchip Technology Inc.
5.5.1.3
RESET_N for SMBus Slave Configuration
Note 5-3
All power supplies must have reached the operating levels mandated in Section 6.0, "DC
Parameters", prior to (or coincident with) the assertion of RESET_N.
Note 5-4
10 ms for hubs, 50 ms for root ports.
5.5.2
USB BUS RESET
In response to the upstream port signaling a reset to the hub, the hub does the following:
1.
Sets default internal USB address to 0
2.
Sets configuration to: unconfigured
3.
Negates PRTPWR[x:1] to all downstream ports unless battery charging (BC_EN[x:1]) is enabled
4.
Clears all TT buffers
5.
Moves device from suspended to active (if suspended)
6.
Complies with Section 11.10 of the USB 2.0 Specification [1] for behavior after completion of the reset sequence.
The host then configures the hub and the hub’s downstream port devices in accordance with the USB Specifica-
tion
.
FIGURE 5-3:
RESET_N TIMING FOR SMBUS MODE
Name
Description
MIN
TYP
MAX
Units
t1
RESET_N Asserted
1
s
t2
CFG_SEL[1:0] setup time
16.7
ns
t3
CFG_SEL[1:0] hold time
16.7
1400
ns
t4
Hub recovery/stabilization
500
s
t5
SMBus Code Load
2
1000
ms
t6
Hub configuration and USB attach
0
ms
t7
Host acknowledges attach and signals USB reset
100
ms
t8
USB_RESET
host-defined
ms
t9
USB_RESET State
Note 5-4
ms
t10
USB Reset Recovery
10
ms
Note:
The hub does not propagate the upstream USB reset to downstream devices.
t1
t4
t6
t7
t8
t9
RESET_N
VSS
Hardware
reset asserted
Read
CFG_SEL[1:0]
SMBus code
load
Attach USB
upstream
Attach
Debounce
Interval
USB_RESET
USB_RESET
State
t5
Hub PHY
stabilization
valid
CFG_SEL[2:0]
VSS
don’t care
don’t care
t2
t3
t10
USB Reset
Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com