Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB251 Datasheet(PDF) 37 Page - Microchip Technology

Part # USB251
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB251 Datasheet(HTML) 37 Page - Microchip Technology

Back Button USB251 Datasheet HTML 33Page - Microchip Technology USB251 Datasheet HTML 34Page - Microchip Technology USB251 Datasheet HTML 35Page - Microchip Technology USB251 Datasheet HTML 36Page - Microchip Technology USB251 Datasheet HTML 37Page - Microchip Technology USB251 Datasheet HTML 38Page - Microchip Technology USB251 Datasheet HTML 39Page - Microchip Technology USB251 Datasheet HTML 40Page - Microchip Technology USB251 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001692C-page 37
USB251xB/xBi
5.5.1.2
RESET_N for EEPROM Configuration
Note 5-2
10 ms for hubs, 50 ms for root ports.
FIGURE 5-2:
RESET_N TIMING FOR EEPROM MODE
Name
Description
MIN
TYP
MAX
Units
t1
RESET_N asserted
1
s
t2
CFG_SEL[1:0] setup time
16.7
ns
t3
CFG_SEL[1:0] hold time
16.7
1400
ns
t4
Hub recovery/stabilization
500
s
t5
EEPROM read (hub configuration)
40
ms
t6
USB attach (see notes)
40
ms
t7
Host acknowledges attach and signals USB reset
100
ms
t8
USB_RESET
host-
defined
ms
t9
USB_RESET state
Note 5-2
ms
t10
USB Reset Recovery
10
ms
Note:
• When in bus-powered mode, the hub and its associated circuitry must not consume more than 100 mA from the
upstream USB power source during t6+t7+t8+t9.
• All power supplies must have reached the operating levels mandated in Section 6.0, "DC Parameters", prior to
(or coincident with) the assertion of RESET_N.
t1
t5
t7
t8
t9
RESET_N
VSS
Hardware reset
asserted
Read I
2C
EEPROM
Attach USB
upstream
Attach
Debounce
Interval
USB_RESET
USB_RESET
State
Read
CFG_SEL[1:0]
t2
t3
t6
valid
CFG_SEL[2:0]
VSS
don’t care
don’t care
t4
t10
USB Reset
Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com