Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB251 Datasheet(PDF) 17 Page - Microchip Technology

Part # USB251
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB251 Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB251 Datasheet HTML 13Page - Microchip Technology USB251 Datasheet HTML 14Page - Microchip Technology USB251 Datasheet HTML 15Page - Microchip Technology USB251 Datasheet HTML 16Page - Microchip Technology USB251 Datasheet HTML 17Page - Microchip Technology USB251 Datasheet HTML 18Page - Microchip Technology USB251 Datasheet HTML 19Page - Microchip Technology USB251 Datasheet HTML 20Page - Microchip Technology USB251 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001692C-page 17
USB251xB/xBi
4.0
BATTERY CHARGING SUPPORT
The USB251xB/xBi hub provides support for battery charging devices on a per port basis in compliance with the USB
Battery Charging Specification, Revision 1.1. The hub can be configured to individually enable each downstream port
for battery charging support either via pin strapping as illustrated in Figure 4-1 or by setting the corresponding configu-
ration bits via I2C EEPROM or SMBus (Section 5.1 on page 19).
4.1
USB Battery Charging
A downstream port enabled for battery charging turns on port power as soon as the power on reset and hardware con-
figuration process has completed. The hub does not need to be enumerated nor does VBUS_DET need to be asserted
for the port power to be enabled. These conditions allow battery charging in S3, S4, and S5 system power states as well
as in the fully operational state. The USB Battery Charging Specification does not interfere with standard USB operation,
which allows a device to perform battery charging at any time.
A port that supports battery charging must be able to support 1.5 amps of current on VBUS. Standard USB port power
controllers typically only allow for 0.8 amps of current before detecting an over-current condition. Therefore, the 5 volt
power supply, port power controller, or over-current protection devices must be chosen to handle the larger current
demand compared to standard USB hub designs.
4.1.1
SPECIAL BEHAVIOR OF PRTPWR PINS
The USB251xB/xBi enables VBUS by asserting the port power (PRTPWR) as soon as the hardware configuration pro-
cess has completed. If the port detects an over-current condition, PRTPWR will be turned off to protect the circuitry from
overloading. If an over-current condition is detected when the hub is not enumerated, PRTPWR can only be turned on
from the host or if RESET_N is toggled. These behaviors provide battery charging even when the hub is not enumerated
and protect the hub from sustained short circuit conditions. If the short circuit condition persists when the hub is plugged
into a host system the user is notified that a port has an over-current condition. Otherwise PRTPWR turned on by the
host system and the ports operate normally.
FIGURE 4-1:
BATTERY CHARGING VIA EXTERNAL POWER SUPPLY
Note:
RSTRAP enables battery charging.
USB251xB/xBi
USB Port Power
Controller
IN
EN
FLAG
VBUS
5.0 V
3.3 V
RSTRAP
PRTPWR[x:1]
OCS_N[x]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com