Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB251 Datasheet(PDF) 27 Page - Microchip Technology

Part # USB251
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB251 Datasheet(HTML) 27 Page - Microchip Technology

Back Button USB251 Datasheet HTML 23Page - Microchip Technology USB251 Datasheet HTML 24Page - Microchip Technology USB251 Datasheet HTML 25Page - Microchip Technology USB251 Datasheet HTML 26Page - Microchip Technology USB251 Datasheet HTML 27Page - Microchip Technology USB251 Datasheet HTML 28Page - Microchip Technology USB251 Datasheet HTML 29Page - Microchip Technology USB251 Datasheet HTML 30Page - Microchip Technology USB251 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001692C-page 27
USB251xB/xBi
5.1.21
REGISTER 14H: PRODUCT STRING LENGTH
5.1.22
REGISTER 15H: SERIAL STRING LENGTH
5.1.23
REGISTER 16H-53H: MANUFACTURER STRING
5.1.24
REGISTER 54H-91H: PRODUCT STRING
5.1.25
REGISTER 92H-CFH: SERIAL STRING
Bit Number
Bit Name
Description
7:0
PRD_STR_LEN
Product String Length: with a maximum string length of 31 characters (when
supported).
Bit Number
Bit Name
Description
7:0
SER_STR_LEN
Serial String Length: with a maximum string length of 31 characters (when
supported).
Bit Number
Bit Name
Description
7:0
MFR_STR
Manufacturer String: UNICODE UTF-16LE per USB 2.0 Specification: with a
maximum string length of 31 characters (when supported).
Note:
The string consists of individual 16-bit UNICODE UTF-16LE
characters. The characters will be stored starting with the LSB at the
least significant address and the MSB at the next 8-bit location.
(Subsequent characters must be stored in sequential contiguous
addresses in the same LSB, MSB manner.)
Warning: Close attention to the byte order of the selected programming tool
should be monitored.
Bit Number
Bit Name
Description
7:0
PRD_STR
Product String: UNICODE UTF-16LE per USB 2.0 Specification
When supported, the maximum string length is 31 characters (62 bytes).
Note:
The string consists of individual 16-bit UNICODE UTF-16LE
characters. The characters will be stored starting with the LSB at the
least significant address and the MSB at the next 8-bit location.
(Subsequent characters must be stored in sequential contiguous
address in the same LSB, MSB manner.)
Warning: Close attention to the byte order of the selected programming tool
should be monitored.
Bit Number
Bit Name
Description
7:0
SER_STR
Serial String: UNICODE UTF-16LE per USB 2.0 specification
When supported, the maximum string length is 31 characters (62 bytes).
Note:
The string consists of individual 16-bit UNICODE UTF-16LE
characters. The characters will be stored starting with the LSB at the
least significant address and the MSB at the next 8-bit location.
(Subsequent characters must be stored in sequential contiguous
address in the same LSB, MSB manner.)
Warning: Close attention to the byte order of the selected programming tool
should be monitored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com