Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB251 Datasheet(PDF) 43 Page - Microchip Technology

Part # USB251
Description  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB251 Datasheet(HTML) 43 Page - Microchip Technology

Back Button USB251 Datasheet HTML 39Page - Microchip Technology USB251 Datasheet HTML 40Page - Microchip Technology USB251 Datasheet HTML 41Page - Microchip Technology USB251 Datasheet HTML 42Page - Microchip Technology USB251 Datasheet HTML 43Page - Microchip Technology USB251 Datasheet HTML 44Page - Microchip Technology USB251 Datasheet HTML 45Page - Microchip Technology USB251 Datasheet HTML 46Page - Microchip Technology USB251 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001692C-page 43
USB251xB/xBi
6.2.1
PACKAGE THERMAL SPECIFICATIONS
Thermal parameters are measured or estimated for devices with the exposed pad soldered to thermal vias in a multi-
layer 2S2P PCB per JESD51. Thermal resistance is measured from the die to the ambient air. The values provided are
based on the package body, die size, maximum power consumption, 85°C ambient temperature, and 125°C junction
temperature of the die.
Use the following formulas to calculate the junction temperature:
TJ = P x JA + TA
TJ = P x JT + TT
TJ = P x JC + TC
Max Power Supported = (TJ Max. Spec. x TAmb.)/ JA
Symbol
USB2512B/12Bi USB2513B/13Bi
USB2514B/14Bi
(°C/W)
Velocity (meters/s)
JA
40.1
0
35.0
1
JT
0.5
0
0.7
1
JC
6.3
0
6.3
1
TABLE 6-9:
LEGEND
Symbol
Description
TJ
Junction temperature
P
Power dissipated
JA
Junction-to-ambient-temperature
JC
Junction-to-top-of-package
JT
Junction-to-bottom-of-case
TA
Ambient temperature
TC
Temperature of the bottom of the case
TT
Temperature of the top of the case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com