Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH Datasheet(PDF) 2 Page - IDEC Corporation

Part # RH
Description  RH Series Compact Power Relays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RH Datasheet(HTML) 2 Page - IDEC Corporation

  RH Datasheet HTML 1Page - IDEC Corporation RH Datasheet HTML 2Page - IDEC Corporation RH Datasheet HTML 3Page - IDEC Corporation RH Datasheet HTML 4Page - IDEC Corporation RH Datasheet HTML 5Page - IDEC Corporation RH Datasheet HTML 6Page - IDEC Corporation RH Datasheet HTML 7Page - IDEC Corporation RH Datasheet HTML 8Page - IDEC Corporation RH Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RH
Relays & Sockets
874
www.IDEC.com
1705151135
Sockets (for Blade Terminal Models)
Relays
Standard DIN Rail Mount 1
Finger-safe DIN Rail Mount 1
Through Panel Mount
PCB Mount
RH1B
SH1B-05
SH1B-O5C
SH1B-51
SH1B-62
1. DIN Rail mount
socket comes with
two horseshoe
clips. Do not use
unless you plan to
insert pullover wire
spring. Replacement
horseshoe clip part
number is Y778-011.
RH2B
SH2B-05
SH2B-05C
SH2B-51
SH2B-62
RH3B
SH3B-05
SH3B-05C
SH3B-51
SH3B-62
RH4B
SH4B-05
SH4B-05C
SH4B-51
SH4B-62
Hold Down Springs & Clips
Appearance
Item
Relay
For DIN
Mount Socket
For Through Panel &
PCB Mount Socket
Pullover Wire Spring
RH1B
SY2S-02F1 2
SY4S-51F1
2. Must use horseshoe clip when
mounting in DIN mount socket.
Replacement horseshoe clip
part number is Y778-011.
3. Two required per relay.
RH2B
SY4S-02F1 2
RH3B
SH3B-05F1 2
RH4B
SH4B-02F1 2
Leaf Spring (side latch)
RH1B, RH2B, RH3B, RH4B
SFA-202 3
SFA-302 3
Leaf Spring (top latch)
RH1B, RH2B, RH3B, RH4B
SFA-101 3
SFA-301 3
AC Coil Ratings
Voltage
(V)
Rated Current (mA) ±15% at 20°C
Coil Resistance (Ω)
±10% at 20°C
Operation Characteristics
(against rated values at 20ºC)
AC 50Hz
AC 60Hz
SPDT
DPDT
3PDT
4PDT
SPDT
DPDT
3PDT
4PDT
SPDT
DPDT
3PDT
4PDT
Max. Continuous
Applied Voltage
Pickup
Voltage
Dropout
Voltage
6
170
240
330
387
150
200
280
330
18.8
9.4
6.4
5.4
110%
80%
maximum
30%
minimum
12
86
121
165
196
75
100
140
165
76.8
39.3
25.3
21.2
24
42
60.5
81
98
37
50
70
83
300
153
103
84.5
110
9.6
—
18.1
21.6
8.4
—
15.5
18.2
6,950
—
2,200
1,800
110-120
—
9.4-
10.8
—
—
—
8.0-9.2
—
—
—
—
—
—
120
8.6
—
16.4
19.5
7.5
—
14.2
16.5
8,100
—
10,800
7,360
220
4.7
—
8.8
10.7
4.1
—
7.7
9.1
25,892
—
10,800
7,360
220-240
—
4.7-5.4
—
—
—
4.0-4.6
—
—
18,820
—
—
240
4.9
—
8.2
9.8
4.3
—
7.1
8.3
26,710
—
12,100
9,120
DC Coil Ratings
Voltage
(V)
Rated Current (mA) ±15% at 20°C
Coil Resistance (Ω)
±10% at 20°C
Operation Characteristics
(against rated values at 20ºC)
SPDT
DPDT
3PDT
4PDT
SPDT
DPDT
3PDT
4PDT
Max. Continuous
Applied Voltage
Pickup
Voltage
Dropout
Voltage
6
128
150
240
250
47
40
25
24
110%
80%
maximum
10%
minimum
Standard coil
voltages are in
BOLD.
12
64
75
120
125
188
160
100
96
24
32
36.9
60
62
750
650
400
388
48
18
18.5
30
31
2,660
2,600
1,600
1,550
100-110
—
8.2-9.0
—
—
—
12,250
—
—
110
8
—
12.8
15
13,800
—
8,600
7,340



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com