Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH Datasheet(PDF) 6 Page - IDEC Corporation

Part # RH
Description  RH Series Compact Power Relays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RH Datasheet(HTML) 6 Page - IDEC Corporation

Back Button RH Datasheet HTML 2Page - IDEC Corporation RH Datasheet HTML 3Page - IDEC Corporation RH Datasheet HTML 4Page - IDEC Corporation RH Datasheet HTML 5Page - IDEC Corporation RH Datasheet HTML 6Page - IDEC Corporation RH Datasheet HTML 7Page - IDEC Corporation RH Datasheet HTML 8Page - IDEC Corporation RH Datasheet HTML 9Page - IDEC Corporation RH Datasheet HTML 10Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RH
Relays & Sockets
878
www.IDEC.com
1705151135
Continuous Load Current vs. Operating Temperature Curve (Basic Type, With Check Button, and Top Bracket Mounting Type)
1
0
10
20
30
40
50
60
70
80
90
100
3
5
7
9
2
4
6
8
10
DC Coil
AC Coil
Note: The rated voltage is
applied to the coil.
Load Current (A)
(RH1)
1
0
10
20
30
40
50
60
70
80
90
100
3
5
7
9
2
4
6
8
10
DC Coil
AC Coil
Load Current (A)
Note: The rated voltage is
applied to the coil.
(RH2)
1
0
10
20
30
40
50
60
70
80
90
100
3
5
7
9
2
4
6
8
10
AC/DC Coil
Load Current (A)
Note: The rated voltage is
applied to the coil.
(RH3/RH4)
Internal Connection (View from Bottom)
Basic Type
SPDT
DPDT
3PDT
4PDT
With Check Button
Front
Pushbutton
Contacts can be operated by pressing the
check button.
1
5
13
14
9
2
6
10
3
7
11
4
8
12
(–)
(+)
With Indicator (-L type)
SPDT
3PDT
4PDT
DPDT
Below
100V
AC/DC
1
5
13
14
9
(–)
(+)
1
5
9
4
8
2
6
12
10
13
14
(–)
(+)
1
5
13
14
9
2
6
10
3
7
11
4
8
12
(–)
(+)
Below
24V AC/
DC
1
5
13
14
9
4
8
12
(–)
(+)
When the relay is energized,
the indicator goes on.
•
Relay coils less than
100V DC do not contain a
protection diode (except
DPDT).
•
Relay coils below 100V
use LED indicator, coils
above 100V use neon lamp
indicator.
•
LED color of DPDT model
is green
100V
AC/DC
and over
1
5
13
14
9
(–)
(+)
1
5
9
4
8
2
6
12
10
13
14
(–)
(+)
(–)
(+)
1
5
13
14
9
2
6
10
3
7
11
4
8
12
24V AC/
DC and
over
1
5
13
14
9
4
8
12
(–)
(+)
With Diode (-D type)
SPDT
DPDT
3PDT
4PDT
1
5
13
14
9
(–)
(+)
1
5
13
14
9
4
8
12
(–)
(+)
1
5
13
14
9
2
6
10
4
8
12
(–)
(+)
1
5
13
14
9
2
6
10
3
7
11
4
8
12
(–)
(+)
Contains a diode to absorb the back emf
generated when the coil is de-energized. The
release time is slightly longer. Available for DC
coil only.
•
Diode Characteristics
Reverse withstand voltage: 1,000V
Forward current: 1A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com